전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-BE-R/Q

  • AI
    The **FVF-BE-R/Q** refers to a specific series of high-performance **Electromagnetic Flowmeters** (often associated with brands like Azbil or similar industrial automation manufacturers). These devices are used to measure the flow rate of conductive liquids in industrial piping. Below is an explanation of the electronic components and architecture of this series. --- ## 1. Core Electronic Components The device consists of two primary electronic sections: the **Sensor (Primary)** and the **Converter (Secondary)**. ### A. The Converter Unit (Signal Processing) This is the "brain" of the device, responsible for excitation and signal conversion. | Component | Function | | :--- | :--- | | **Excitation Circuit** | Drives the electromagnetic coils with a constant current to create a magnetic field. | | **Amplifier Stage** | Boosts the micro-volt signals received from the electrodes. | | **A/D Converter** | Converts the analog voltage induced by the liquid into a digital value. | | **Microprocessor** | Calculates flow velocity based on Faraday’s Law ($V = B \cdot L \cdot v$). | ### B. The Sensor Unit (Detection) | Component | Function | | :--- | :--- | | **Electromagnetic Coils** | Generate the magnetic field perpendicular to the flow. | | **Electrodes (R/Q Type)** | Typically made of Stainless Steel, Hastelloy, or Platinum. They pick up the induced voltage. | | **Lining** | Insulates the pipe wall to prevent the electrical signal from shorting out. | --- ## 2. Model Specifics: "R" and "Q" In the FVF series nomenclature, these suffixes usually denote specific electronic configurations or body styles: * **R (Remote Type):** The converter is located away from the sensor. These require a specialized **Signal Cable** to connect the two, ensuring the low-voltage signal is shielded from EMI (Electromagnetic Interference). * **Q (Integral Type):** The converter and sensor are one physical unit. The electronics are mounted directly on top of the flow tube, simplifying wiring but making it less suitable for high-temperature environments. --- ## 3. Technical Specifications | Feature | Description | | :--- | :--- | | **Output Signals** | 4-20mA DC, Pulse Output, and Digital (HART/Modbus). | | **Power Supply** | Usually 100-240V AC or 24V DC. | | **Excitation Method** | Square wave excitation (reduces noise and zero-point drift). | | **Accuracy** | Typically $\pm 0.5\%$ of rate. | --- ## 4. Maintenance and Troubleshooting The electronics are designed for longevity, but common points of failure include: 1. **Moisture Ingress:** If the seal on the "Q" type (Integral) fails, humidity can short the converter board. 2. **Electrode Coating:** If the liquid leaves a non-conductive film on the electrodes, the signal strength drops. 3. **Grounding:** Electromagnetic flowmeters require a "clean" ground to prevent electrical noise from distorting the flow measurement.
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the 'Remote' and 'Integral' models?
    • ⤷ Which electrode materials are available for corrosive chemical applications?
    • ⤷ How does square wave excitation improve accuracy compared to AC excitation?