전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-CC-R/Q

  • AI
    The **FVF-CC-R/Q** series typically refers to a specialized line of **High-Voltage Rectifier Diodes** (often associated with brands like Fuji Electric or Sanken) designed for high-frequency switching and power supply applications. Below is a breakdown of the electronic characteristics and specifications typical of this component series. --- ### 1. Key Technical Specifications These diodes are characterized by their high dielectric strength and fast recovery times. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | High Voltage Silicon Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 8kV to 15kV (Depending on specific model) | | **Average Forward Current ($I_{F(AV)}$)** | 10mA to 500mA | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (approx. 50ns - 100ns) | | **Operating Temperature** | -40°C to +120°C | | **Mounting Type** | Through-hole (Axial lead) | ### 2. Electronic Construction The "FVF" designation usually implies a specific construction style: * **Multi-Junction Stack:** To achieve high voltage ratings (kV range), multiple silicon diode chips are stacked in series within a single resin-molded package. * **Resin Encapsulation:** The body is made of high-insulation epoxy resin to prevent arcing and withstand high potential differences. * **Diffused Junction:** Uses diffused silicon technology to ensure stable leakage current even at high temperatures. ### 3. Application Use Cases These parts are not for general consumer electronics but are critical in high-tension circuits: 1. **Laser Power Supplies:** Used in the rectification stage for CO2 lasers. 2. **X-Ray Equipment:** Handling the high-voltage rectification required for imaging tubes. 3. **Air Purifiers/Ionizers:** Generating the high-voltage DC needed for corona discharge. 4. **CRT Displays:** (Legacy use) For the flyback transformer rectification. ### 4. Part Number Suffix Logic * **R/Q:** Usually denotes the **Packaging Style** or **Lead Configuration**. * **R:** Often indicates "Radial" or a specific taping format for automated insertion. * **Q:** Can indicate a specific quality grade or a variation in the recovery speed characteristics. --- ### 5. Circuit Symbol & Integration ```mermaid graph LR A[Anode] ---|>|--- K[Cathode] ``` *In a circuit, these must be oriented correctly relative to the polarity of the High Voltage Transformer output. Because of the high voltage, physical spacing (creepage distance) on the PCB is critical to prevent sparking.*
    ✨ Follow-up Questions
    • ⤷ What is the peak reverse voltage rating for the 'R' vs 'Q' variants?
    • ⤷ Can these diodes be used in parallel to increase current capacity?
    • ⤷ What are the thermal management requirements for FVF series diodes?