전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-D5-R

  • AI
    The **FVF-D5-R** refers to a specific series of high-performance centrifugal pumps, commonly associated with the **Alphacool VPP655/D5** or **Xylem/Laing D5** core. These are widely used in industrial cooling, medical equipment, and high-end liquid cooling systems for electronics. Below is a breakdown of the electronic components and technical specifications. --- ### 1. Core Electronic Specifications The heart of the FVF-D5-R is a **spherical motor** design. Unlike traditional pumps with a shaft, this uses a ceramic ball bearing. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 8V - 24V DC (Standard 12V) | | **Power Consumption** | Up to 37W (Max) | | **Current Draw** | Approx. 0.25A - 1.9A | | **Signal Interface** | 4-Pin PWM or Manual Potentiometer | | **Starting Voltage** | ~9V DC | --- ### 2. Key Internal Electronic Components #### A. Brushless DC (BLDC) Controller The pump utilizes an integrated PCB that drives a brushless motor. This eliminates friction from brushes, increasing lifespan to over 50,000 hours. The controller manages: * **Phase Switching:** Timing the electromagnetic pulses to the stator. * **Soft Start:** Gradually increasing power to prevent electrical spikes. #### B. The Potentiometer (Manual Control) In the "R" (Retention/Variable) version, a small dial on the back allows for manual speed adjustment. * **Level 1:** ~1800 RPM * **Level 5:** ~4800 RPM #### C. Tachometer / Feedback Loop The electronics include a frequency generator that sends a pulse signal (usually 2 pulses per revolution) to the motherboard or controller. This allows the system to monitor if the pump has failed or is stalled. --- ### 3. Connection Pinout The FVF-D5-R typically features a split wiring harness to separate high-current power from low-voltage signals. | Connection Type | Purpose | Description | | :--- | :--- | :--- | | **Molex / SATA** | **Power** | 12V and Ground (Primary current source). | | **4-Pin Header** | **Signal** | **Blue:** PWM Input; **Green:** Tachometer (RPM) output. | --- ### 4. Protective Circuitry The onboard electronics are designed with several safety layers: 1. **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. 2. **Dry Run Protection:** Some variants feature sensors or logic to detect high heat/low resistance to prevent the motor from burning out without fluid. 3. **Over-voltage Protection:** Safely handles fluctuations up to 24V (though heat increases significantly above 12V).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PWM and Vario versions of this pump?
    • ⤷ How does the spherical motor design improve electronic reliability compared to shaft-based pumps?
    • ⤷ What is the maximum head pressure this electronic motor can generate?