전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-D5W-R

  • AI
    The **FVF-D5W-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Varistor** or a Transient Voltage Suppressor (TVS) part, often used in specialized automotive or industrial circuit protection. Below is a detailed breakdown of its electronic characteristics and functional parameters. --- ## 1. Component Overview The FVF series generally refers to **Multilayer Varistors (MLVs)** designed to protect sensitive electronics from high-voltage transients, such as Electrostatic Discharge (ESD) or lightning surges. ### Technical Specifications | Feature | Typical Specification | |:---|:---| | **Component Type** | Multilayer Varistor (MLV) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Working Voltage (VDC)** | 5.6V - 18V (Model dependent) | | **Response Time** | < 1 nanosecond | | **Operating Temperature** | -40°C to +125°C | | **Termination** | Silver/Nickel/Tin Plating | --- ## 2. Key Electronic Functions The FVF-D5W-R serves three primary roles in a circuit: ### A. Voltage Clamping When a voltage spike occurs that exceeds the "Varistor Voltage," the device's resistance drops drastically. This allows the excess energy to be diverted to the ground, clamping the voltage to a level that the rest of the circuit can handle. ### B. ESD Protection Due to its low capacitance and fast response time, it is ideal for protecting high-speed data lines or sensitive I/O pins from human-body model (HBM) static discharges. ### C. Bidirectional Protection Unlike a standard diode, a varistor is bidirectional. It provides the same level of protection regardless of whether the spike is positive or negative relative to the ground. --- ## 3. Physical Construction The "D5W" suffix usually denotes the physical sizing and packaging: * **Multilayer Ceramic Body:** Zinc Oxide (ZnO) based ceramic materials. * **Electrodes:** Internal interleaved metal electrodes to increase energy absorption capacity. * **Size:** Commonly corresponds to standard EIA footprints (like 0603 or 0805, depending on the specific manufacturer's datasheet). --- ## 4. Typical Applications The FVF-D5W-R is commonly integrated into the following environments: 1. **Automotive Electronics:** Protection for ECUs, sensors, and infotainment bus lines (CAN/LIN). 2. **Consumer Electronics:** Protecting USB ports and charging circuits. 3. **Industrial Controls:** Surge suppression for PLC inputs and outputs. ---
    ✨ Follow-up Questions
    • ⤷ What is the peak surge current rating for the FVF-D5W-R?
    • ⤷ How does this varistor compare to a TVS diode in terms of clamping speed?
    • ⤷ What are the recommended soldering profiles for this SMT component?