전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-EC-R/Q

  • AI
    The **FVF-EC-R/Q** series typically refers to high-efficiency, constant-volume fan filter units (FFU) or specialized EC (Electronically Commutated) motor-driven fans used in cleanrooms and HVAC systems. Below is a breakdown of the electronic components and technical specifications associated with these units. --- ### 1. Core Electronic Components The "EC" in the model name signifies the use of **Electronically Commutated** technology, which combines AC and DC functionality. | Component | Description | Function | | :--- | :--- | :--- | | **EC Motor** | Brushless DC motor with integrated electronics. | Provides high-torque movement with up to 90% energy efficiency. | | **Integrated Inverter** | AC to DC power converter built into the motor housing. | Allows the motor to run on standard AC power while utilizing DC efficiency. | | **Control PCB** | Internal printed circuit board. | Manages motor timing, sensor feedback, and speed modulation. | | **Hall Effect Sensors** | Magnetic sensors within the motor. | Monitors rotor position for precise commutation and speed control. | | **Communication Port** | Usually RS485 or PWM terminals. | Enables remote monitoring and BMS (Building Management System) integration. | --- ### 2. Control and Connectivity Features The electronic architecture of the FVF-EC-R/Q allows for sophisticated control methods: * **Speed Modulation:** Supports 0-10V DC control signals or PWM (Pulse Width Modulation) for stepless speed adjustment. * **Constant Volume (Q-Mode):** The "Q" variant often features an integrated flow sensor or pressure transducer that adjusts motor RPM automatically to maintain a constant airflow even as the HEPA filter becomes clogged. * **Networking:** Often supports **Modbus RTU** protocol, allowing a single central controller to manage hundreds of units simultaneously. --- ### 3. Technical Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Input Voltage** | 200–240V AC (Single Phase) or 380–480V (Three Phase) | | **Frequency** | 50/60 Hz | | **Control Signal** | 0-10V / 4-20mA / Modbus RS485 | | **Insulation Class** | Class B or F | | **Protection Rating** | IP54 or higher (Dust and Splash resistance) | | **Efficiency** | IE4 or IE5 equivalent | --- ### 4. Comparison: R-Series vs. Q-Series * **R-Series (Remote/Standard):** Typically refers to units where speed is set manually or via an external remote signal without active feedback loops for air volume. * **Q-Series (Constant Flow):** Includes additional electronic logic to compensate for pressure drops. As the filter resistance increases, the electronics increase the voltage to the motor to keep the air volume consistent.
    ✨ Follow-up Questions
    • ⤷ How does the Modbus RTU protocol interface with the FVF-EC-R/Q units?
    • ⤷ What are the power consumption benefits of EC motors compared to traditional AC motors in these units?
    • ⤷ How do the Hall Effect sensors specifically improve the reliability of the fan?