전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVF-Z0-R/Q

  • AI
    The **FVF-Z0-R/Q** series refers to a specific line of **Automotive Low-Voltage Connectors** (specifically within the FVF/MX series) often used in electronic control units (ECUs), infotainment systems, and wiring harnesses. These components are designed to withstand harsh automotive environments. --- ### 1. General Specifications The parts are categorized by their physical housing, pin count, and environmental sealing capabilities. | Feature | Description | | :--- | :--- | | **Component Type** | Female Connector Housing / Receptacle | | **Series** | FVF Series (Compact, High-density) | | **Suffix -R** | Typically indicates **Right-angle** orientation or a specific Retainer style. | | **Suffix -Q** | Often refers to a specific **Quantity** packaging or a unique **Keying/Coding** variant. | | **Voltage Class** | Low Voltage (Signal and low-power circuits) | | **Operating Temp** | -40°C to +125°C (standard automotive grade) | --- ### 2. Key Electronic Features #### A. Contact Resistance and Conductivity These connectors utilize high-conductivity copper alloys with tin or gold plating to ensure minimal voltage drop. This is critical for sensor data integrity. #### B. Terminal Design The terminals used within the FVF-Z0-R/Q housing are designed for: * **Wiping Action:** Ensures oxidation is cleared during mating. * **Multiple Contact Points:** Reduces the risk of signal loss due to vibrations (G-force). #### C. Locking Mechanisms * **TPA (Terminal Position Assurance):** A plastic secondary lock that ensures the metal terminal is fully seated. * **CPA (Connector Position Assurance):** Prevents the connector from vibrating loose from the header. --- ### 3. Application Use Cases Because of their compact design, these parts are found in: 1. **ADAS Sensors:** Camera and Radar modules. 2. **Dashboard Electronics:** Instrument clusters and HUDs. 3. **Body Control Modules (BCM):** Managing lights, windows, and door locks. --- ### 4. Technical Drawing Reference (General Layout) ```yaml Connector_Assembly: Housing_Material: PBT (Polybutylene Terephthalate) Seal_Type: Non-Sealed (standard) or Matte Seal (waterproof variants) Pitch: Typically 2.0mm to 2.54mm Current_Rating: Up to 5A per circuit (depending on wire gauge) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the FVF-Z0-R/Q model?
    • ⤷ Is this connector compatible with standard MX34 series terminals?
    • ⤷ What are the specific environmental sealing ratings (IP code) for this series?