전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVS-16F-R

  • AI
    The **FVS-16F-R** is a specific electronic component, primarily recognized as a **Vertical Surface Mount (SMT) Type FFC/FPC Connector**. It is designed to facilitate the connection between a Flexible Printed Circuit (FPC) or Flexible Flat Cable (FFC) and a main PCB. --- ## 1. Core Technical Specifications The "16" in the part number typically denotes the number of positions (pins). Below are the common specifications for this series: | Parameter | Specification | | :--- | :--- | | **Number of Contacts** | 16 Pins | | **Pitch (Spacing)** | 0.5mm or 1.0mm (Variable by manufacturer, usually 0.5mm) | | **Mounting Orientation** | Vertical (Straight) | | **Mounting Type** | Surface Mount (SMT) | | **Actuator Type** | Non-ZIF or Flip-lock (Depends on exact sub-series) | | **Current Rating** | ~0.5A AC/DC | | **Voltage Rating** | 50V AC/DC | --- ## 2. Key Electronic Features ### A. Material Composition * **Insulator:** High-temperature thermoplastic (usually LCP - Liquid Crystal Polymer) to withstand SMT reflow soldering temperatures. * **Contacts:** Phosphor bronze, typically plated with **Tin** or **Gold** over Nickel to prevent oxidation and ensure low contact resistance. * **Solder Tabs:** Reinforcement brackets (ears) located at the sides to provide mechanical stability to the PCB, preventing the connector from being torn off during cable insertion. ### B. Contact Orientation In a vertical connector like the FVS-16F-R, the cable is inserted from the top, perpendicular to the PCB. This is ideal for designs with limited horizontal space but sufficient vertical clearance. ### C. Electrical Integrity * **Contact Resistance:** Generally below 30mΩ. * **Dielectric Withstanding Voltage:** Typically 500V AC for one minute. * **Insulation Resistance:** Minimum 500MΩ. --- ## 3. Common Applications Due to its small footprint and 16-pin density, this part is frequently found in: 1. **Consumer Electronics:** Mobile phones, tablets, and handheld gaming consoles. 2. **Display Modules:** Connecting LCD/LED screens to the motherboard. 3. **Industrial Controls:** Interfacing membrane keypads or small sensory arrays. 4. **Medical Devices:** Compact diagnostic equipment where internal wiring must be minimized. --- ## 4. Soldering & Handling Because this is an **SMT (Surface Mount Technology)** part, it is usually delivered in "Tape and Reel" packaging for automated Pick-and-Place machines. ```yaml Soldering_Profile: Process: Lead-free Reflow Peak_Temperature: 260°C Duration: 5-10 seconds at peak ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the FVS-16F-R version you are using?
    • ⤷ Does this connector feature a ZIF (Zero Insertion Force) locking mechanism?
    • ⤷ What are the recommended PCB land pattern dimensions for this 16-pin connector?