전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVS-4W0-R

  • AI
    The **FVS-4W0-R** is a specialized electronic component, typically categorized as a **Vibration Sensor** or **Seismic Switch**, often utilized in industrial safety systems and elevator control units. Below is a breakdown of its core electronic characteristics and specifications. --- ### 1. Technical Specifications The device is designed to detect seismic activity or mechanical vibrations and trigger a safety response. | Feature | Description | | :--- | :--- | | **Component Type** | Acceleration/Seismic Sensor | | **Input Voltage** | Typically 12V - 24V DC | | **Output Type** | Relay Contact (Normal Open/Normal Close) | | **Detection Axis** | Multi-axis (X, Y, and Z planes) | | **Sensitivity Range** | Adjustable (Gal or m/s² units) | | **Reset Method** | Manual or Remote Reset | --- ### 2. Core Electronic Components The internal architecture of the FVS-4W0-R generally consists of the following sections: #### A. Sensing Element (Accelerometer) Modern versions utilize a **MEMS (Micro-Electro-Mechanical Systems)** accelerometer. This silicon-based chip detects changes in capacitance or resistance when physical movement occurs, converting mechanical force into an electrical signal. #### B. Signal Conditioning Circuit Because raw sensor data is noisy, the unit includes: * **Low-pass Filters:** To remove high-frequency electrical noise and focus on low-frequency seismic waves. * **Operational Amplifiers (Op-Amps):** To boost the micro-volt signals from the MEMS sensor to a workable voltage level. #### C. Microcontroller (MCU) The "brain" of the unit. It samples the analog signal and compares it against pre-set threshold values. It determines if the vibration matches the profile of an earthquake versus a localized bump (false trigger prevention). #### D. Switching Interface (Relay) The FVS-4W0-R acts as a switch. When the threshold is exceeded: * An internal **Electromagnetic Relay** or **Solid State Relay (SSR)** trips. * This breaks or completes a circuit, signaling an elevator to stop at the nearest floor or an industrial machine to shut down. --- ### 3. Application Use Cases 1. **Elevator Safety:** Automatically halts lifts during seismic events to prevent cable tangling or cabin derailment. 2. **Industrial Shutdowns:** Used in gas lines or chemical plants to close valves during earthquakes. 3. **Structural Monitoring:** Detecting abnormal vibrations in large-scale infrastructure. --- ### 4. Typical Wiring Diagram (Simplified) ```cpp // Logic flow of the electronic control IF (Detected_Gal > Threshold_Setting) { Activate_Relay(PIN_OUT); // Trigger safety stop Illuminate_LED(ALARM_RED); // Visual status Log_Event(EEPROM); // Store event in memory } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum 'Gal' threshold adjustable on the FVS-4W0-R?
    • ⤷ Does this sensor require periodic calibration?
    • ⤷ How does the manual reset function differ from the auto-reset in this model?