AI

The **FVS-4WC-R** refers to a specific model of a **Four-Way Cassette Fan Coil Unit (FCU)**, typically used in HVAC (Heating, Ventilation, and Air Conditioning) systems. These units are designed to be mounted in ceilings to provide 360-degree airflow.
Below is a breakdown of the electronic components and technical specifications associated with this type of unit.
---
### 1. Core Electronic Components
The FVS-4WC-R relies on several interconnected electronic parts to manage climate control and safety:
| Component | Function |
| :--- | :--- |
| **Control PCB (Motherboard)** | The "brain" of the unit. It processes signals from the thermostat and controls the fan speed and water valves. |
| **Fan Motor (Multi-speed)** | Usually a high-efficiency AC or DC motor that drives the centrifugal fan. It typically has 3 stages (High, Medium, Low). |
| **Drain Pump** | An internal electronic pump used to lift condensation water from the drip tray to the drainage pipe. |
| **Float Switch** | A safety sensor that detects if the water level in the drain pan is too high, signaling the PCB to shut down the unit to prevent leaks. |
| **Step Motors** | Small motors that control the movement of the horizontal and vertical louvers (swing blades) for air distribution. |
| **Thermistor (Sensor)** | NTC sensors that measure room temperature (Return Air) and coil temperature (Pipe Sensor). |
---
### 2. Technical Specifications (Electronic & Performance)
While specific ratings can vary by manufacturer (often associated with brands like Carrier, Trane, or York), the standard electrical profile for the **4WC-R** series (approx. 400 CFM class) is as follows:
* **Power Supply:** 220-240V / 1 Phase / 50-60Hz.
* **Power Consumption:** Approximately 50W – 100W (depending on fan speed).
* **Control Type:** Infrared Remote Control or Wired Wall Thermostat.
* **Protection Class:** IPX0 (Standard indoor protection).
* **Insulation Class:** Class B or E.
---
### 3. Connection & Wiring Logic
The electronic wiring of the FVS-4WC-R generally follows this logic:
1. **L/N/E Terminals:** Main power input.
2. **Communication Ports:** Used if the unit is connected to a BMS (Building Management System) via Modbus or a proprietary protocol.
3. **Valve Actuator Output:** A 220V or 24V signal sent to the motorized water valve to open/close based on cooling/heating demand.
4. **Error LED Display:** A small PCB with LEDs mounted on the grille to show "Power," "Timer," and "Defrost/Error" status.
---
### 4. Maintenance Electronic Checkpoints
If you are troubleshooting the electronics of this unit, focus on these three areas:
* **Capacitor:** Check the fan motor run capacitor if the fan fails to start or hums.
* **Fuse:** The PCB usually contains a 3.15A or 5A glass fuse to protect against voltage surges.
* **Pump Continuity:** Ensure the drain pump is receiving voltage when the float switch is triggered.
- ⤷
How do I wire a 3-speed wall thermostat to the FVS-4WC-R PCB?
- ⤷ What are the common error codes displayed on the 4-way cassette LED panel?
- ⤷ Can the AC fan motor in this unit be upgraded to an EC motor for better efficiency?