전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVS-65W-R

  • AI
    The **FVS-65W-R** is a high-performance, single-output switching power supply, typically used in industrial automation, telecommunications, and networking equipment. It is designed to convert AC line voltage into a stable DC output. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the FVS-65W-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 ~ 264V AC (Universal Input) | | **Output Power** | 65 Watts | | **Cooling Method** | Natural Convection (No fan required) | | **Protection Circuits** | Overload, Overvoltage, Short Circuit | | **Mounting Type** | Chassis Mount / DIN Rail compatible | | **Efficiency** | Typically 85% - 88% | --- ### 2. Internal Electronic Architecture The device utilizes a **Switch-Mode Power Supply (SMPS)** topology. Below are the core electronic sections: #### A. Input Filtering and Rectification * **EMI Filter:** Contains X/Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. * **Bulk Capacitor:** Large electrolytic capacitor that smooths the DC ripple. #### B. Power Conversion (The "Switching" Stage) * **PWM Controller IC:** The "brain" of the unit that modulates the pulse width to maintain a constant output voltage regardless of load changes. * **MOSFET/Transistor:** Acts as a high-speed switch, chopping the DC voltage into high-frequency pulses (usually 50kHz–100kHz). * **Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side while stepping down the voltage. #### C. Output Rectification and Feedback * **Schottky Diodes:** Used on the output side for high-speed rectification with low voltage drop. * **LC Filter:** Inductors and low-ESR capacitors that remove high-frequency noise from the DC output. * **Optocoupler:** Provides a feedback loop to the PWM controller. It allows the secondary side to communicate with the primary side while maintaining electrical isolation. --- ### 3. Protection and Safety Components The FVS-65W-R includes several hardware-level safeguards: 1. **Fuse:** Protects against catastrophic internal component failure. 2. **Varistor (MOV):** Protects the circuit from high-voltage transients (surges) from the AC line. 3. **Hiccup Mode:** In the event of a short circuit, the unit shuts down and periodically attempts to restart until the fault is removed. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage (V DC) for the FVS-65W-R model?
    • ⤷ How does 'Hiccup Mode' differ from a standard thermal shutdown?
    • ⤷ What are the recommended operating temperature ranges for this power supply?