전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVS-AE-R

  • AI
    The **FVS-AE-R** typically refers to a specific series of **Fire Alarm Visual Signals** or **Strobe/Beacon** units (often associated with brands like Eaton, Fulleon, or specialized industrial alarm manufacturers). These devices are designed to provide high-visibility visual alerts in emergency situations. Below is a breakdown of the electronic components and technical specifications common to this type of device. ### 1. Core Electronic Components The internal architecture of the FVS-AE-R focuses on power regulation and high-intensity light output. | Component | Function | | :--- | :--- | | **LED Array / Xenon Tube** | The primary light source. Modern "AE" versions typically use high-efficiency LEDs for longevity and lower current draw. | | **Step-Up Converter** | Increases the input voltage to the level required to trigger the flash (especially in Xenon variants). | | **Timing Circuit (IC)** | A microchip or oscillator that dictates the flash frequency (usually 0.5Hz or 1Hz) to meet safety standards. | | **Polarized Diode** | Ensures the device only operates when the polarity is correct, protecting the circuit from reverse wiring. | | **Terminal Block** | The interface for connecting 24V DC fire alarm loops (In/Out terminals for daisy-chaining). | --- ### 2. Technical Specifications Most units in this category adhere to the following electronic parameters: * **Operating Voltage:** Generally **18V to 30V DC** (standard for 24V fire systems). * **Current Consumption:** Ranges from **10mA to 50mA** depending on the brightness setting. * **Flash Rate:** Synchronized flash, typically **1Hz** (one flash per second). * **Monitoring:** The electronics include a built-in resistor or capacity for the fire panel to monitor the "end of line" (EOL) for circuit breaks. --- ### 3. Physical & Environmental Features The electronic housing is designed to protect the circuitry in harsh environments: 1. **Enclosure:** Often rated **IP65** or higher, meaning the electronics are protected against dust and water jets. 2. **Base:** Shallow or deep base options containing the wiring terminals. 3. **Lens Material:** Polycarbonate, designed to diffuse the light to meet specific "C" (Ceiling) or "W" (Wall) coverage categories under **EN54-23** standards. --- ### 4. Wiring Diagram Concept In a standard fire loop, the FVS-AE-R is wired in parallel: ```text [Fire Panel 24V (+)] ----> [Terminal +] ----> [Next Device +] [Fire Panel 0V (-)] ----> [Terminal -] ----> [Next Device -] ``` *Note: Always ensure the "EOL" (End of Line) resistor is placed at the final device in the circuit to prevent fault signals on the control panel.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the FVS-AE-R at 24V?
    • ⤷ Is the FVS-AE-R compatible with addressable or conventional fire systems?
    • ⤷ Does this model support different flash patterns via internal jumpers?