전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVS-CC-R/Q

  • AI
    The **FVS-CC-R/Q** series typically refers to specialized high-precision fiber optic sensing systems, often associated with industrial automation and sensor controllers (commonly produced by manufacturers like Keyence or similar automation brands). These devices are designed for high-speed detection and stable signal processing in harsh environments. --- ### 1. Key Electronic Components and Architecture The internal electronics are categorized into four main functional blocks: | Component Category | Functionality | | :--- | :--- | | **Optical Transceiver** | Contains the Laser Diode (LD) or LED for light emission and a Photodiode (PD) for light reception. | | **Signal Processor (ASIC/DSP)** | Converts analog light intensity into digital data and applies filters to remove electrical noise. | | **Control Interface** | Manages the I/O logic (NPN/PNP) and communication protocols (CC-Link, Ethernet, etc.). | | **User Interface** | Digital displays (OLED/LED) and tactile buttons for threshold calibration. | --- ### 2. Technical Specifications The electronic performance of the R/Q variants usually differs in their response speed and output logic. * **Excitation Method:** High-frequency pulse modulation to prevent interference from ambient factory lighting. * **Voltage Range:** Typically **12-24V DC** with built-in polarity protection. * **Output Circuitry:** * **R (Relay/Standard):** Often denotes a standard digital output or specific resistance tolerance. * **Q (High Speed/Quality):** Usually denotes a "Quick" response variant with high-speed switching transistors (FETs). --- ### 3. Connection Pinout (Generic Industrial Standard) Most units in this series utilize a 4-pin or 5-pin M12 connector or a direct-wire lead. ```yaml Pin 1: Brown (V+) -> 12-24V DC Pin 2: White (In) -> Remote Teach or External Input Pin 3: Blue (0V) -> Common Ground Pin 4: Black (Out)-> Control Output (NPN/PNP) ``` --- ### 4. Distinctive Features 1. **Dual Digital Display:** Electronics allow for simultaneous viewing of the "Current Value" and the "Threshold Value." 2. **Hysteresis Control:** Electronically adjustable "buffer" zones to prevent output chattering when an object is at the edge of the sensing range. 3. **Cross-Talk Suppression:** Integrated timing logic that allows multiple sensors to be mounted side-by-side without optical interference.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the R and Q models?
    • ⤷ How do I calibrate the threshold sensitivity on this controller?
    • ⤷ Can this sensor interface directly with a PLC via IO-Link?