전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVS-D1-R

  • AI
    The **FVS-D1-R** is a specific electronic component, typically categorized as a **Digital Flow Sensor** or a **Flow Switch**, often manufactured by companies like **Koganei** or similar industrial automation brands. It is designed to monitor and measure the flow rate of gases (usually compressed air or nitrogen) in automated systems. --- ## 1. Technical Specifications The "R" suffix usually denotes a specific output type or a mounting configuration (typically a PNP/NPN switch output or a specific pressure range). | Feature | Description | | :--- | :--- | | **Model Type** | Digital Flow Sensor (FVS Series) | | **Input Voltage** | 12 to 24V DC (±10%) | | **Fluid Compatibility** | Air, Nitrogen (non-corrosive gases) | | **Output Type** | Dual Switch Output (NPN or PNP) + Analog Voltage (1-5V) | | **Display** | 3-digit, 7-segment LED (usually Red/Green) | | **Protection Class** | IP40 (Commonly) | --- ## 2. Key Electronic Components & Functions ### A. Sensing Element (MEMS Thermal Bridge) The core of the FVS-D1-R is a **Micro-Electro-Mechanical System (MEMS)** sensor. It works on the thermal principle: * A heating element is placed between two temperature sensors. * As gas flows, it carries heat from the upstream sensor to the downstream sensor. * The temperature difference is converted into an electrical signal proportional to the mass flow rate. ### B. Signal Conditioning Circuitry The raw analog signal from the MEMS sensor is very weak. The internal electronics include: * **Operational Amplifiers (Op-Amps):** To amplify the sensor signal. * **A/D Converter:** Converts the analog voltage into digital data for the microprocessor. * **Microcontroller (MCU):** Processes the data, applies calibration curves, and manages the LED display. ### C. Output Electronics * **Switching Transistors:** Used for the digital outputs. When the flow reaches a set threshold (Set Point), the transistor closes the circuit to trigger a PLC (Programmable Logic Controller). * **Analog Buffer:** Provides a steady 1-5V or 4-20mA signal to external data loggers for continuous monitoring. --- ## 3. Wiring Configuration Typical wiring for the FVS-D1-R (Standard M8 or Lead wire): | Wire Color | Function | | :--- | :--- | | **Brown** | DC (+) 12-24V | | **Blue** | DC (-) 0V / Ground | | **Black** | Control Output 1 (Digital) | | **White** | Control Output 2 or Analog Output | --- ## 4. Operational Modes 1. **Hysteresis Mode:** Prevents "chattering" of the output when the flow rate fluctuates slightly around the set point. 2. **Window Comparator Mode:** Keeps the output active only when the flow is within a specific minimum and maximum range. 3. **Accumulated Flow:** Some versions allow the electronics to calculate the total volume of gas passed over time.
    ✨ Follow-up Questions
    • ⤷ What is the maximum flow rate capacity for the FVS-D1-R model?
    • ⤷ How do you calibrate the zero-point on this digital flow sensor?
    • ⤷ What are the primary differences between the NPN and PNP output versions for this device?