전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVS-DC-R/K

  • AI
    The **FVS-DC-R/K** series typically refers to specialized high-voltage DC protection components, most commonly used in solar (photovoltaic) systems, energy storage, and industrial DC power distributions. These units are specifically **Surge Protective Devices (SPDs)** designed to shield electronic equipment from transient overvoltages. --- ### 1. Key Technical Specifications The "R" and "K" designations often refer to specific features like **Remote Signaling (R)** and **Replaceable Cartridges (K)**. | Feature | Specification Details | | :--- | :--- | | **Voltage Range ($U_c$)** | Typically 600V DC, 1000V DC, or 1500V DC | | **Nominal Discharge Current ($I_n$)** | Usually 20kA per pole | | **Max Discharge Current ($I_{max}$)** | Usually 40kA per pole | | **Protection Level ($U_p$)** | $\leq$ 2.5kV to 4.0kV (depending on model) | | **Response Time ($t_A$)** | < 25 nanoseconds | | **Operating Temperature** | -40°C to +80°C | --- ### 2. Internal Electronic Architecture The FVS-DC-R/K utilizes several critical electronic technologies to ensure safety: * **MOV (Metal Oxide Varistors):** The primary heart of the device. These are non-linear resistors that have high resistance at normal voltages but drop to very low resistance during a surge, shunting the energy to the ground. * **Thermal Disconnector:** An internal safety mechanism. If the MOV overheats due to repeated surges or end-of-life leakage, a spring-loaded thermal switch disconnects the component to prevent fire. * **Visual Indicators:** A mechanical flag (usually Green/Red) that indicates the health of the internal varistor. * **Remote Signaling Contact (R):** A floating change-over contact (3-pin terminal) that allows an external PLC or monitoring system to detect if the surge protector has tripped or failed. --- ### 3. Design Variations (R/K) #### **The "K" Designation (Module-based)** The "K" usually signifies a **pluggable design**. The base is hard-wired to the DIN rail, but the electronic modules (the cartridges containing the MOVs) can be pulled out and replaced without disconnecting the wiring. #### **The "R" Designation (Remote Monitoring)** The "R" indicates the inclusion of a micro-switch. ```json { "remote_contact": "Form C (SPDT)", "contact_rating": "AC: 250V/0.5A; DC: 30V/2A" } ``` --- ### 4. Circuit Diagram Logic The device is typically wired in a "Y" configuration for DC systems to provide protection between Positive to Ground, Negative to Ground, and Positive to Negative. ```text [ + DC ] ---- [ MOV 1 ] ----+---- [ MOV 2 ] ---- [ - DC ] | [ Ground ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Type 1 and Type 2 DC surge protectors?
    • ⤷ How do you wire the remote signaling contact (R) to a PLC?
    • ⤷ Can these units be used in 1500V utility-scale solar arrays?