전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FVS-K6-R

  • AI
    The **FVS-K6-R** is an electronic component primarily classified as a **Fiber Optic Communication Module** or a **Fiber-to-Voltage/Frequency Sensor**, often used in industrial automation, power electronics, and high-voltage monitoring. It is designed to convert optical signals transmitted via fiber optic cables into electrical signals (and vice versa) to ensure electrical isolation. --- ### 1. Key Technical Specifications The "FVS" series typically refers to modules that handle voltage sensing or signal conversion with high galvanic isolation. | Parameter | Typical Description | | :--- | :--- | | **Input Type** | Optical Signal (via ST or SMA connectors) | | **Output Type** | Analog Voltage / Relay / Frequency | | **Isolation Voltage** | High (often >10kV depending on fiber length) | | **Power Supply** | Usually 24V DC or 5V DC (model dependent) | | **Response Time** | High-speed (microsecond range) | --- ### 2. Core Electronic Components Inside the FVS-K6-R, several critical electronic subsystems work together: * **Photo-Detector (Receiver):** A PIN diode or phototransistor that converts incoming photons from the fiber optic cable into a weak electrical current. * **Transimpedance Amplifier (TIA):** Converts the weak current from the photo-detector into a usable voltage signal. * **Signal Conditioning Circuitry:** Includes operational amplifiers (Op-Amps) and filters to remove noise and linearize the output signal. * **Output Driver:** A specialized IC or transistor stage that prepares the signal for industrial equipment (e.g., 0-10V analog or a PWM signal). * **Voltage Regulator:** Ensures stable internal power despite fluctuations in the external power supply. --- ### 3. Functional Applications The FVS-K6-R is used in environments where copper wiring is dangerous or prone to interference: 1. **High Voltage Monitoring:** Measuring signals in power plants or substations where electrical isolation is mandatory for safety. 2. **EMI/RFI Immunity:** Used in environments with heavy motors or welding equipment where electromagnetic interference would corrupt standard electrical wires. 3. **Data Transmission:** Providing a secure, spark-free communication link in explosive or hazardous atmospheres. --- ### 4. Connection Interface | Terminal | Function | | :--- | :--- | | **V+ / GND** | DC Power Input | | **Fiber Port** | Optical Input (Rx) or Output (Tx) | | **SIG OUT** | Conditioned electrical signal output | | **Shield** | Earth ground connection for noise reduction | ---
    ✨ Follow-up Questions
    • ⤷What is the maximum transmission distance for the FVS-K6-R fiber link?
    • ⤷ Does the FVS-K6-R support digital protocol outputs like Modbus or is it strictly analog?
    • ⤷ What are the specific mounting requirements for this module in an industrial cabinet?