FX1-36-R
AI

The **FX1-36-R** is a specific electronic component, typically categorized as a **High-Density Board-to-Board Connector** manufactured by **Hirose Electric**. It is designed for high-speed signal transmission and compact electronic assemblies.
---
## 1. Technical Specifications
The following table highlights the core electrical and physical parameters of the FX1-36-R:
| Feature | Specification |
| :--- | :--- |
| **Series** | FX1 Series |
| **Number of Positions** | 36 Pins |
| **Pitch** | 1.27mm (0.050") |
| **Connector Type** | Receptacle (Female) |
| **Mounting Type** | Through-Hole (Right Angle) |
| **Current Rating** | 0.5A per contact |
| **Voltage Rating** | 125V AC |
| **Contact Resistance** | 35 mΩ Max |
| **Termination Method** | Solder |
---
## 2. Key Electronic Features
### High-Density Design
The 1.27mm pitch allows for a high concentration of signals in a small footprint. This is essential for modern PCBs where space is at a premium.
### Signal Integrity
The FX1 series is engineered to maintain signal integrity. It often includes:
* **Staggered Pin Layout:** To reduce crosstalk between adjacent signals.
* **Grounding Plates:** Some variations include metal shielding to prevent Electromagnetic Interference (EMI).
### Durability and Contact Reliability
* **Gold Plating:** The contacts are typically plated with gold over nickel to prevent oxidation and ensure a low-resistance connection over hundreds of mating cycles.
* **Ribbon-type Contacts:** These provide a larger contact area and are more resistant to twisting or bending during manual mating.
---
## 3. Applications
The FX1-36-R is commonly found in industrial and professional-grade electronics, including:
1. **Industrial Automation:** Connecting PLC (Programmable Logic Controller) modules to backplanes.
2. **Medical Equipment:** Internal data transfer between imaging sensor boards and processing units.
3. **Telecommunications:** Used in networking switches and routers for daughtercard-to-motherboard connections.
4. **Test & Measurement:** High-density interfacing for oscilloscope or logic analyzer expansion modules.
---
## 4. Part Number Breakdown
While specific to Hirose, the nomenclature generally follows this logic:
| Prefix | Number of Pins | Orientation/Type | RoHS Status |
| :--- | :--- | :--- | :--- |
| **FX1** | **36** | **R** | (Compliant) |
| Series Name | Total Contacts | Receptacle (Female) | Lead-free |
- ⤷
What is the mating header part number for the FX1-36-R?
- ⤷ What are the recommended soldering temperature profiles for this connector?
- ⤷ Are there high-speed versions of the FX1 series that support 10Gbps+?