FX1-5B-R
AI

The **FX1-5B-R** is a high-performance, board-to-board connector manufactured by **Hirose Electric**. It belongs to the FX1 series, which is designed for high-density mounting and reliable electrical performance in industrial and telecommunications equipment.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Series** | FX1 (Hirose) |
| **Number of Contacts** | 5 (or specific to the sub-configuration) |
| **Pitch** | 1.27mm (0.050") |
| **Connector Type** | Receptacle (Female) |
| **Mounting Type** | Through-hole (Right Angle / Vertical options) |
| **Contact Plating** | Gold over Nickel |
| **Current Rating** | 0.5A per contact |
| **Voltage Rating** | AC 125V |
---
### 2. Major Electronic Characteristics
#### A. Contact Design
The FX1 series utilizes a **bellows-type contact** design. This ensures:
* **Low Insertion Force:** Reduces stress on the PCB during assembly.
* **Wiping Action:** The contact surface self-cleans during mating to remove oxidation and ensure a stable connection.
#### B. Materials and Durability
* **Insulator:** Made of high-grade PPS (Polyphenylene sulfide) or PBT (Polybutylene terephthalate), which provides excellent heat resistance and electrical insulation.
* **Mating Cycles:** Typically rated for 50 to 100 cycles, depending on the specific plating thickness.
#### C. Signal Integrity
The 1.27mm pitch is optimized for high-density signal transmission while minimizing crosstalk. The "R" in the part number often signifies a **Right Angle** orientation or a specific **Receptacle** configuration intended for perpendicular board stacking.
---
### 3. Common Applications
Due to its reliability and compact footprint, the FX1-5B-R is commonly found in:
1. **Industrial Controllers:** Connecting daughter cards to motherboards.
2. **Medical Imaging Equipment:** Handling sensor signal routing.
3. **Telecommunications:** Used in rack-mounted switching systems.
4. **Office Automation:** Printers and high-end copiers.
---
### 4. Implementation Example (PCB Footprint)
When designing a PCB for this part, the landing pattern must account for the staggered pin layout often found in Hirose FX series connectors.
```cpp
// General PCB Design Constraints
Pitch = 1.27mm;
Hole_Diameter = 0.8mm; // Standard for FX1 series leads
Plating = Gold_Flash;
Orientation = Right_Angle;
```
---
- ⤷
What are the mechanical mating height options for the FX1 series?
- ⤷ How does the FX1 series compare to the Hirose FX2 or FX5 series in terms of data speed?
- ⤷ Are there specific soldering temperature profiles recommended for the FX1-5B-R?