FYA-R032207ZX
AI

The **FYA-R032207ZX** is a specific model of an **LED Bargraph Display**, typically manufactured by companies like *FORYARD Photoelectronic*. These components are widely used for visual level indication (such as battery levels, volume meters, or signal strength).
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | 10-Segment LED Bargraph |
| **Light Bar Count** | 10 individual LEDs in a single row |
| **Emitted Color** | High Efficiency Red (typically) |
| **Configuration** | Standard DIP (Dual In-line Package) |
| **Face Color** | Black / Grey (Contrast enhancing) |
| **Forward Voltage ($V_f$)** | ~2.0V per segment |
| **Forward Current ($I_f$)** | 20mA (Standard operating current) |
---
### 2. Physical Dimensions & Pinout
The device usually consists of a rectangular housing with 20 pins (10 for anodes, 10 for cathodes).
* **Pin Spacing:** Standard 2.54mm (0.1") pitch.
* **Row Spacing:** Standard 7.62mm (0.3").
* **Segment Size:** Individual segments are usually rectangular (e.g., 1.8mm x 5mm).
---
### 3. Circuit Configuration
Most FYA series bargraphs are designed with **independent LED segments**. Unlike 7-segment displays which share a common anode or cathode, bargraphs often provide access to both sides of each LED segment.
#### Typical Wiring Logic:
```text
Pin 1 (Anode LED 1) <---> Pin 20 (Cathode LED 1)
Pin 2 (Anode LED 2) <---> Pin 19 (Cathode LED 2)
...
Pin 10 (Anode LED 10) <---> Pin 11 (Cathode LED 10)
```
---
### 4. Implementation Details
To use the FYA-R032207ZX in an electronic project, consider the following:
1. **Current Limiting:** Since these are LEDs, you **must** use a resistor in series with each segment to prevent burnout.
2. **Driver ICs:** Often driven by an **LM3914** (Dot/Bar Display Driver) or through a shift register like the **74HC595** when using a microcontroller like Arduino.
3. **Multiplexing:** If you are using multiple bargraphs, they can be multiplexed to save I/O pins.
---
- ⤷
What is the maximum power dissipation per segment for the FYA-R032207ZX?
- ⤷ Can this bargraph be driven directly by an Arduino without external ICs?
- ⤷ How does the 'ZX' suffix in the part number affect the segment color or intensity?