전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • G-U3-R

  • AI
    The **G-U3-R** typically refers to a specific type of **USB 3.0 to Gigabit Ethernet Controller/Adapter** (often associated with Realtek or generic high-speed networking modules). These devices are designed to bridge high-speed USB interfaces with Ethernet physical layers. --- ## 1. Core Electronic Components The G-U3-R architecture consists of several critical electronic blocks that manage data conversion and power regulation. | Component | Description | Function | | :--- | :--- | :--- | | **Main Controller (SoC)** | Usually a Realtek RTL8153 or similar. | The "brain" that handles USB 3.0 protocols and MAC/PHY Ethernet layers. | | **Ethernet Transformer** | A magnetic isolation module. | Protects the circuit from voltage spikes and filters signal noise on the RJ45 line. | | **Crystal Oscillator** | Usually 25MHz or 125MHz. | Provides the precise clock timing required for high-speed data synchronization. | | **EEPROM/Flash** | Small memory chip. | Stores MAC address, vendor IDs, and firmware configurations. | | **Voltage Regulators** | LDO or Buck converters. | Steps down USB 5V to 3.3V or 1.2V required by the internal logic. | --- ## 2. Technical Specifications Most G-U3-R modules adhere to the following hardware standards: ### Interface Standards * **USB Side:** USB 3.0 (SuperSpeed) Type-A or Type-C, backward compatible with USB 2.0. * **Network Side:** RJ45 Female connector supporting 10/100/1000 Mbps. ### Logic Operations ```c // Simplified Logic Flow of G-U3-R Controller if (USB_Status == CONNECTED) { Initialize_MAC_Layer(); Check_Link_Speed(); // Auto-negotiation (10/100/1000) Enable_DMA_Transfer(); // Direct Memory Access for low CPU usage } ``` --- ## 3. Circuit Features 1. **Auto-Negotiation:** The electronic logic automatically detects whether the connected network is 10Mbps, 100Mbps, or 1000Mbps. 2. **LED Indicators:** * **Link (Green):** Indicates a physical connection is established. * **Activity (Amber/Yellow):** Flashes to indicate data packets are being transmitted or received. 3. **Wake-on-LAN (WoL):** Many G-U3-R circuits include a low-power state that "listens" for a specific "Magic Packet" to wake the host computer. 4. **ESD Protection:** High-quality versions include TVS (Transient Voltage Suppressor) diodes on the USB and RJ45 pins to prevent damage from static electricity. --- ## 4. Signal Processing Chain 1. **Input:** Differential signals arrive via USB 3.0 (TX+/- and RX+/-). 2. **Conversion:** The Controller IC strips the USB headers and encapsulates data into Ethernet Frames. 3. **Isolation:** The signal passes through the Magnetics (Transformer) to prevent DC offset. 4. **Output:** Balanced signals are sent over the Twisted Pair (Cat5e/Cat6) cable.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the RTL8153 and RTL8152 chipsets?
    • ⤷ How does the Ethernet transformer provide galvanic isolation?
    • ⤷ What is the maximum theoretical throughput of a G-U3-R adapter?