전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GF200

  • AI
    The **GF200** typically refers to the **GPS Tracker GF200**, a compact, real-time tracking device used for vehicle and asset security. Below is a detailed breakdown of its electronic components and hardware architecture. --- ### 1. Core Electronic Components The device is built on a highly integrated PCB (Printed Circuit Board) designed for low power consumption and cellular connectivity. | Component | Function | Description | | :--- | :--- | :--- | | **Main Processor** | MCU / System-on-Chip | Usually an ARM-based microcontroller (e.g., MTK series) that manages data processing and logic. | | **GSM/GPRS Module** | Cellular Connectivity | Supports Quad-band frequencies (850/900/1800/1900 MHz) for sending data via SMS or GPRS. | | **GPS Chipset** | Satellite Positioning | A high-sensitivity GPS chip (often U-blox or AGPS compatible) for coordinate calculation. | | **Antennas** | Signal Reception | Internal ceramic GPS antenna and a built-in GSM PIFA antenna. | | **Power Management** | Voltage Regulation | Circuits designed to convert vehicle power (9V-36V) down to the 3.7V - 4.2V required by the chips. | --- ### 2. Functional Hardware Modules To perform its role as a tracker, the GF200 includes several specialized electronic modules: #### A. Motion & Sensing * **G-Sensor (Accelerometer):** A 3-axis electronic sensor that detects movement, vibration, or sudden impacts. This allows the device to enter "Sleep Mode" when stationary to save power and trigger "Vibration Alarms." * **MIC (Microphone):** Some variants include a small electret condenser microphone for remote voice monitoring (audio surveillance). #### B. Memory and Storage * **Flash Memory:** Used to store system firmware and "Offline Logging." If the cellular signal is lost, the device saves GPS coordinates to the internal flash and uploads them once the signal returns. #### C. Power Source * **Internal Li-ion Battery:** Typically a small 150mAh - 450mAh rechargeable battery used as a backup if the external power supply is disconnected (Anti-tamper feature). --- ### 3. Interface and Connectivity The GF200 interacts with the external world through specific electronic interfaces: ```yaml Interfaces: - SIM_Slot: Standard or Micro-SIM card slot for network identification. - Wiring_Harness: - Red/Black: Power input (+/-) - Orange: ACC (Ignition sensing) - Yellow: Relay control (for remote engine cut-off) - LED_Indicators: - Blue LED: GPS Signal status - Green LED: GSM/Network status ``` --- ### 4. Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Voltage Range** | 9V - 36V DC | | **Positioning Accuracy** | < 10 meters | | **Cold Start Time** | < 35 seconds | | **Hot Start Time** | < 1 second | | **Operating Temp** | -20°C to +70°C |
    ✨ Follow-up Questions
    • ⤷ How do you wire the GF200 for a remote engine cut-off function?
    • ⤷ What is the difference between the GPS and AGPS modes in the GF200?
    • ⤷ How can I troubleshoot the LED light patterns if the device is offline?