전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GF200.

  • AI
    The **GF200** typically refers to the high-performance induction motor controller (VFD) series or specific micro-sized motor parts. Below is a breakdown of the electronic components and architecture of the GF200 series, focusing on its role as a **Variable Frequency Drive (VFD)**. --- ## 1. Core Electronic Architecture The GF200 utilizes a high-performance hardware platform centered around a DSP (Digital Signal Processor). | Component Group | Main Parts | Function | | :--- | :--- | :--- | | **Power Module** | IGBT (Insulated Gate Bipolar Transistor) | High-speed switching to convert DC to AC. | | **Control Unit** | 32-bit DSP / MCU | Executes vector control algorithms and I/O logic. | | **Capacitor Bank** | Electrolytic DC Bus Capacitors | Smooths the rectified DC voltage and stores energy. | | **Rectifier Bridge** | Diode Bridge | Converts incoming AC power into DC. | | **Interface Board** | Optocouplers & Relays | Isolates control signals from high-voltage circuits. | --- ## 2. Technical Specifications (Electronic) The electronic design is optimized for high torque at low frequencies and robust protection. * **Input Range:** 1-Phase 220V or 3-Phase 380V options. * **Carrier Frequency:** 1.0kHz to 16.0kHz (adjustable to reduce acoustic noise). * **Frequency Resolution:** * Digital: 0.01Hz * Analog: Max Frequency × 0.025% * **Overload Capacity:** 150% rated current for 60s; 180% for 3s. --- ## 3. I/O Terminals and Connectivity The following electronic interfaces are standard on most GF200 units: ### Programmable Inputs/Outputs 1. **Digital Inputs (S1-S5):** Support for NPN or PNP logic to trigger start/stop, forward/reverse, and multi-speed steps. 2. **Analog Inputs (AI1/AI2):** Support for 0-10V or 0/4-20mA signals for speed referencing. 3. **Relay Output:** For fault signaling or status monitoring (NO/NC contacts). 4. **Communication:** RS485 port supporting standard **Modbus RTU** protocol. --- ## 4. Protection Circuitry The GF200 contains dedicated sensing electronics to prevent hardware failure: * **Current Sensors:** Hall effect sensors for overcurrent and phase loss detection. * **Thermal Protection:** NTC/PTC thermistor inputs to monitor motor and heatsink temperature. * **Braking Unit:** Built-in braking chopper (on specific models) to dissipate regenerative energy via an external resistor. ---
    ✨ Follow-up Questions
    • ⤷ How do you wire the RS485 communication port on the GF200?
    • ⤷ What are the specific parameter settings for auto-tuning the motor?
    • ⤷ What is the difference between the GF200 and the GF300 models?