전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GMA-750-R

  • AI
    The **GMA-750-R** is a high-performance **Brushless DC (BLDC) Gear Motor**, typically utilized in automation, robotics, and precision motion control. Below is a breakdown of its electronic and electromechanical components. --- ## 1. Core Technical Specifications The electronic performance of the GMA-750-R is defined by its power consumption and voltage requirements. | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Rated Voltage** | 24V DC (Standard) | | **Rated Power** | 750 Watts | | **Rated Current** | ~35A - 40A (Dependent on load) | | **Feedback Mechanism** | Hall Effect Sensors / Incremental Encoder | | **Insulation Class** | Class F (up to 155°C) | --- ## 2. Key Electronic Components ### A. The Stator and Winding Configuration The "heart" of the motor contains copper windings. Because it is a BLDC motor: * **3-Phase Design:** It uses a three-phase (U, V, W) winding configuration. * **Electronic Commutation:** Unlike brushed motors, it requires an external electronic speed controller (ESC) or driver to switch the current between windings based on the rotor position. ### B. Feedback Sensors (Hall Effect) To achieve smooth rotation and high torque at low speeds, the GMA-750-R typically includes three **Hall Effect Sensors**. * **Function:** These sensors detect the magnetic field of the rotor and send digital signals to the controller. * **Purpose:** Allows the controller to know exactly which phase to energize next. ### C. The Integrated Encoder (Optional/Model Specific) Some variants of the GMA-750-R feature an optical or magnetic **incremental encoder**. * **Resolution:** Often 1000 to 2500 pulses per revolution (PPR). * **Electronics:** Requires a 5V power supply and outputs A, B, and Z phases for precise position and speed tracking. --- ## 3. Wiring and Connectivity The electronic interface of the GMA-750-R usually consists of two sets of wires: ### Power Wires (High Current) | Wire Color | Function | Description | | :--- | :--- | :--- | | **Yellow** | Phase U | High current supply to stator | | **Green** | Phase V | High current supply to stator | | **Blue** | Phase W | High current supply to stator | ### Signal Wires (Low Current) | Wire Color | Function | Signal Type | | :--- | :--- | :--- | | **Red** | Sensor VCC | +5V to +12V DC | | **Black** | Sensor GND | Ground | | **Yellow/Green/Blue** | Hall A, B, C | Digital square wave | --- ## 4. Required Electronic Driver Features To operate the GMA-750-R, an external electronic driver is mandatory. The driver must support: 1. **Pulse Width Modulation (PWM):** For speed regulation. 2. **Over-Current Protection:** To prevent the 750W motor from burning out under stall conditions. 3. **Four-Quadrant Operation:** Supporting clockwise/counter-clockwise rotation and regenerative braking.
    ✨ Follow-up Questions
    • ⤷ What are the recommended motor drivers for a 750W BLDC motor?
    • ⤷ How do I calculate the torque output based on the gear ratio of the GMA-750-R?
    • ⤷ What is the difference between Hall sensor feedback and encoder feedback for this motor?