전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GMA-8-R

  • AI
    The **GMA-8-R** is a specific model of a fast-acting, subminiature glass tube fuse, commonly used in electronic circuits to provide overcurrent protection. --- ### 1. Technical Specifications The part number can be broken down to understand its core electronic characteristics: | Property | Value | Description | | :--- | :--- | :--- | | **Current Rating** | 8 Amps | The maximum continuous current the fuse can carry. | | **Voltage Rating** | 125V AC / 250V AC | Safe operating voltage; usually 125V for UL certification at 8A. | | **Response Speed** | Fast-Acting (F) | Opens quickly when current exceeds the rating. | | **Physical Size** | 5mm x 20mm | Standard "Small Dimension" glass fuse size. | | **Material** | Glass Body | Allows for visual inspection of the filament. | | **RoHS Compliant** | Yes (indicated by "-R") | Lead-free and environmentally compliant. | --- ### 2. Internal Electronic Design The GMA-8-R operates on the principle of **Joule Heating**. Here is how the internal components function: * **The Element:** A thin wire or metallic strip designed to melt at a specific temperature. In an 8A fuse, this wire is calibrated to handle 8 Amps indefinitely but melt rapidly if a short circuit or overload occurs. * **End Caps:** Nickel-plated brass caps ensure high conductivity and a secure physical connection to the fuse holder or clips. * **Extinguishing Medium:** Unlike some high-voltage ceramic fuses, the GMA-8-R is typically air-filled, as it is designed for lower-energy circuit protection. --- ### 3. Applications and Circuit Integration The GMA-8-R is typically found in the primary (input) stage of electronic devices. #### Common Uses: 1. **Consumer Electronics:** Power supplies for monitors, printers, and audio equipment. 2. **Instrumentation:** Multimeters and laboratory testing equipment. 3. **Industrial Controls:** Small PLCs or control boards. #### Installation Logic: In a circuit diagram, the GMA-8-R is placed in series with the "Hot" or "Line" wire: ```text [AC Input] ---- [GMA-8-R Fuse] ---- [Power Switch] ---- [Transformer/Load] ``` --- ### 4. Comparison: Fast-Acting vs. Time-Delay It is critical to distinguish the **GMA** (Fast) from the **GMC** or **GMD** (Time-Delay) series: * **GMA-8-R:** Trips instantly during a spike. Ideal for sensitive electronics. * **GMD/GMC:** Allows a brief "in-rush" current (like a motor starting). Replacing a GMA-8-R with a time-delay fuse could lead to component damage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the GMA and MDA fuse series?
    • ⤷ How can I test if a GMA-8-R fuse is blown using a multimeter?
    • ⤷ Can I use a 250V rated GMA fuse in a 120V circuit?