전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GMC-3-R

  • AI
    The **GMC-3-R** is a specific type of **Magnetic Contactor** manufactured by LS Electric (formerly LS Industrial Systems). It is primarily used for switching electrical power circuits, most commonly for controlling electric motors. --- ## 1. Core Electronic & Mechanical Components The GMC-3-R functions as an electromechanical switch. Its operation relies on the following internal parts: | Component | Function | Material/Type | | :--- | :--- | :--- | | **Electromagnetic Coil** | Creates a magnetic field when energized to pull the contacts together. | Copper windings | | **Main Contacts** | The high-current paths that connect the power source to the load (3-Pole). | Silver-alloy (AgNi or AgSnO2) | | **Auxiliary Contacts** | Low-current contacts used for signaling or interlocking (usually 1NO+1NC). | Silver-plated | | **Armature/Core** | The moving part attracted by the coil's magnetic field. | E-shaped Laminated Silicon Steel | | **Return Spring** | Forces the contacts apart when the coil is de-energized. | High-tension steel | | **Arc Chute** | Quenches the electrical arc generated during high-voltage switching. | Heat-resistant plastic/ceramic | --- ## 2. Technical Specifications The "3-R" designation usually refers to the frame size and specific revision of the LS Metasol or older GMC series. ### Electrical Ratings * **Rated Operational Voltage (Ue):** Up to 600V AC. * **Rated Insulation Voltage (Ui):** 690V. * **Number of Poles:** 3-Pole (standard for 3-phase motors). * **Coil Voltage Options:** Available in 24V, 110V, 220V, or 380V AC (50/60Hz). --- ## 3. Wiring and Terminals The device features a standardized layout for industrial control panels: ### Terminal Labeling 1. **L1, L2, L3 (1, 3, 5):** Line side inputs (Incoming Power). 2. **T1, T2, T3 (2, 4, 6):** Load side outputs (To the Motor). 3. **A1, A2:** Coil terminals (Where the control signal is applied). 4. **NO/NC:** Auxiliary terminals for status feedback to a PLC or pilot light. --- ## 4. Operational Logic The GMC-3-R operates on the principle of **Electromagnetic Induction**: 1. **Control Signal:** A voltage is applied to terminals **A1 and A2**. 2. **Magnetic Field:** The coil generates a field, pulling the **Armature** toward the stationary core. 3. **Connection:** The **Main Contacts** close, completing the circuit between L1-L3 and T1-T3. 4. **Release:** When power to the coil is cut, the **Return Spring** pushes the contacts back to the "Open" position, safely disconnecting the load. --- ## 5. Typical Applications * **Motor Starters:** Often paired with a GTH (Thermal Overload Relay) for motor protection. * **Lighting Control:** Switching large banks of industrial HID or LED lighting. * **Heating Elements:** Controlling resistive loads in industrial furnaces.
    ✨ Follow-up Questions
    • ⤷ What is the maximum ampere rating for the GMC-3-R frame?
    • ⤷ How do I choose the correct coil voltage for this contactor?
    • ⤷ What is the difference between a GMC-3-R and a GMC-6M?