전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GMD-300-R

  • AI
    The **GMD-300-R** is a high-performance, rack-mounted digital radio gateway and communication interface commonly used in industrial, marine, and emergency communication systems. It is designed to bridge analog radio signals with digital IP networks (RoIP - Radio over IP). Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Electronic Components | Component Type | Description | | :--- | :--- | | **Main Processor** | High-speed ARM-based microcontroller or DSP for real-time voice processing and packetization. | | **ADC/DAC** | High-fidelity Analog-to-Digital and Digital-to-Analog converters for clear voice conversion. | | **Network Controller** | Integrated Ethernet controller (usually 10/100 Mbps) for IP connectivity. | | **Audio Interface** | Balanced/Unbalanced audio input/output circuits with noise suppression filters. | | **Logic Controller** | FPGA or CPLD for managing PTT (Push-To-Talk) signaling and COR (Carrier Operated Relay) logic. | --- ### 2. Functional Interface Breakdown The electronics are divided into three primary functional blocks: #### A. Radio Interface (Analog Side) * **PTT Control:** Solid-state relays or opto-isolators that trigger the radio's transmitter. * **Audio Matching:** Transformers and operational amplifiers (Op-Amps) to match impedance between the radio and the gateway. * **Signal Detection:** Circuits to detect busy channels (COR) and transmit indicators. #### B. IP Processing (Digital Side) * **Vocoders:** Software/Hardware codecs (like G.711 or G.729) that compress audio for network transmission. * **Buffer Memory:** RAM used for jitter buffering to ensure smooth audio playback over unstable networks. * **Firmware Storage:** Flash memory containing the web-based management interface and protocol stacks (SIP, RTP). #### C. Power Management * **Input:** Typically supports wide DC ranges (e.g., 12V to 24V DC). * **Protection:** Includes Transient Voltage Suppressors (TVS) and fuses to protect sensitive internal logic from power surges common in radio environments. --- ### 3. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Mounting** | 19-inch Rack Mount (1U) | | **Communication Protocols** | SIP, RoIP, RTP/RTCP | | **Connector Types** | RJ-45 (Network), DB-9 or Terminal Blocks (Radio) | | **Audio Bandwidth** | 300Hz to 3.4kHz (Standard Voice Grade) | | **Operating Temp** | -10°C to +60°C | --- ### 4. Typical Wiring Logic ```c [ Radio Unit ] <---> [ GMD-300-R Interface ] <---> [ IP Network / Server ] | | | (Audio/PTT) (Digital Conversion) (Data Packets) ```
    ✨ Follow-up Questions
    • ⤷What are the specific pinouts for the GMD-300-R radio interface?
    • ⤷ Does the GMD-300-R support Power over Ethernet (PoE)?
    • ⤷ How is the web-based configuration accessed for this model?