전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GS-R0

  • AI
    The **GS-R** series (typically manufactured by STMicroelectronics) refers to a family of **Step-Down Switching Voltage Regulators**. These are high-efficiency integrated modules designed to replace traditional linear regulators (like the 78xx series) in industrial and telecommunication applications. Below is a breakdown of the electronic characteristics and specifications for this series. --- ### 1. Key Features The GS-R series is known for being a "plug-and-play" power solution. Unlike discrete ICs, these modules include the inductor and filter capacitors internally. * **High Efficiency:** Typically 70% to 90%, reducing the need for large heat sinks. * **Wide Input Range:** Capable of handling broad DC input voltages. * **Protection Circuits:** Includes short-circuit protection and thermal shutdown. * **Compact Design:** Often found in a SIP (Single In-line Package) or DIP (Dual In-line Package) metal or plastic case. ### 2. Common Technical Specifications While specifications vary by specific model (e.g., GS-R405, GS-R512), the general parameters are as follows: | Parameter | Typical Value Range | | :--- | :--- | | **Input Voltage ($V_{in}$)** | 7V to 40V DC | | **Output Voltage ($V_{out}$)** | 5V, 12V, 15V, or Adjustable | | **Output Current ($I_{out}$)** | 0.5A to 4A (depending on model) | | **Switching Frequency** | 33 kHz to 100 kHz | | **Operating Temp** | -25°C to +85°C | ### 3. Pin Configuration (Typical) Most GS-R modules follow a standard 3-pin or 5-pin layout: 1. **$V_{in}$:** Unregulated DC input. 2. **Ground:** Common return for input and output. 3. **$V_{out}$:** Regulated DC output. 4. **Reset/Inhibit (Optional):** Used for remote ON/OFF control. 5. **Adjust (Optional):** Used to fine-tune the output voltage via an external resistor. ### 4. Comparison: Linear vs. GS-R Switching | Feature | Linear Regulator (7805) | GS-R Switching Module | | :--- | :--- | :--- | | **Heat Dissipation** | High (wasted energy) | Very Low | | **Complexity** | Simple | Self-contained (Module) | | **Size** | Small (but needs Heat Sink) | Medium (Internal Inductor) | | **EMC Noise** | Very Low | Moderate (due to switching) | --- ### 5. Application Example To use a GS-R module, you typically only need two external capacitors to stabilize the voltage: ```cpp // Schematic Concept [Input DC] ---[+ C1] --- (Pin 1: Vin) (Pin 2: GND) --- [Common Ground] [Output DC] ---[+ C2] --- (Pin 3: Vout) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the GS-R405 and GS-R512 models?
    • ⤷ Do GS-R modules require an external heat sink for 2A loads?
    • ⤷ How do I calculate the external resistor for adjustable GS-R models?