전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GS-R1005

  • AI
    The **GS-R1005** is a classic high-efficiency step-down (buck) switching voltage regulator module, originally developed by STMicroelectronics. It is part of the GS-R series designed to provide a regulated output from a higher unregulated DC input. --- ## 1. Technical Specifications The GS-R1005 is known for its compact size and "SIP" (Single In-line Package) form factor, which allows it to be used as a high-efficiency alternative to linear regulators like the LM7805. | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 7V to 40V DC | | **Output Voltage** | 5V DC (Fixed) | | **Output Current** | 1A (Continuous) | | **Efficiency** | Up to 80% - 90% | | **Switching Frequency** | ~100 kHz | | **Package Type** | SIP-9 or SIP-12 (Vertical mounting) | --- ## 2. Key Internal Components The GS-R1005 is not a single IC but a **Power Module**. This means it contains several discrete electronic parts integrated into one block: 1. **PWM Controller:** A dedicated integrated circuit that manages the duty cycle to maintain a steady 5V output regardless of input fluctuations. 2. **Power MOSFET:** Acts as the high-speed switch that "chops" the input voltage. 3. **Power Inductor:** Stores energy during the "on" cycle of the switch and releases it during the "off" cycle to provide smooth current. 4. **Schottky Diode:** Used for commutation (freewheeling) to allow current to continue flowing through the inductor when the MOSFET is off. 5. **Filter Capacitors:** Input and output capacitors are built-in to reduce ripple and noise, though external capacitors are often recommended for better stability. --- ## 3. Advantages vs. Linear Regulators | Feature | GS-R1005 (Switching) | LM7805 (Linear) | | :--- | :--- | :--- | | **Heat Dissipation** | Very Low; efficient energy conversion. | Very High; wastes excess voltage as heat. | | **Input Range** | High (Up to 40V). | Limited by thermal constraints. | | **Heatsink** | Usually not required. | Almost always required for high currents. | --- ## 4. Pinout Description (Typical) While variations exist, the standard SIP configuration generally follows this logic: * **Pin 1 (Vi):** Unregulated Input Voltage. * **Pin 2 (GND):** Common Ground. * **Pin 3 (Vo):** Regulated 5V Output. * **Reset/Inhibit:** Some versions include pins for remote turn-off or reset signaling. --- ### Usage Note: Since this module is largely considered a legacy component, it is frequently replaced in modern designs by modern equivalents like the **RECOM R-78 series** or **Traco Power TSR-1 series**, which offer similar 5V/1A performance in a smaller footprint.
    ✨ Follow-up Questions
    • ⤷ What are the modern pin-compatible replacements for the GS-R1005?
    • ⤷ Does the GS-R1005 require external capacitors for noise filtering?
    • ⤷ What is the maximum operating temperature for this module?