전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GS-R12F0002.0

  • AI
    The **GS-R12F0002.0** is a high-efficiency **Step-Down (Buck) Switching Regulator Module** originally manufactured by STMicroelectronics. It is designed to simplify power supply design by integrating most of the necessary electronic components into a single, compact package. --- ### 1. Key Technical Specifications The GS-R12F series is known for its high power density and reliability. Below are the primary technical parameters for this specific module: | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 15V to 40V DC | | **Output Voltage** | 12V DC (Fixed) | | **Output Current** | 2.0 Amperes | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~100 kHz | | **Isolation** | Non-isolated | | **Package Type** | Vertical or Horizontal SIP (Single In-line Package) | --- ### 2. Internal Electronic Architecture The module is essentially a "DC-DC Converter in a box." It consists of several internal sub-components: 1. **Switching Controller:** An integrated circuit (IC) that manages the Pulse Width Modulation (PWM) to maintain a steady output voltage regardless of input fluctuations. 2. **Power MOSFET:** A high-speed transistor that acts as the switch to chop the input DC voltage. 3. **Power Inductor:** Used for energy storage; it smooths the chopped current from the MOSFET to provide a continuous flow. 4. **Schottky Diode:** Acts as a "freewheeling" diode to maintain current flow during the MOSFET's "off" cycle. 5. **Filter Capacitors:** Internal ceramic or tantalum capacitors to reduce input and output ripple/noise. --- ### 3. Pin Configuration Typically, the GS-R12F0002.0 features a simple pinout for easy PCB integration: * **Pin 1 (Vi):** Unregulated Input Voltage. * **Pin 2 (GND):** Common Ground for both input and output. * **Pin 3 (Vo):** Regulated 12V Output. * **Pin 4 (Reset/Inhibit):** (Optional on some variants) Used for remote sequencing or power-good signaling. --- ### 4. Features and Protection The module includes built-in safety features that protect both the part itself and the connected load: * **Short Circuit Protection:** Limits current if the output is shorted to ground. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits (usually due to high load or poor ventilation). * **Soft Start:** Gradually increases output voltage to prevent high inrush current during startup. --- ### 5. Application Example Because this module handles high input voltages (up to 40V), it is ideal for industrial machinery or automotive systems where a stable 12V rail is required from a 24V battery system. ```c // Design Tip: External Capacitance // While the module has internal filtering, it is // recommended to add external electrolytic capacitors // for high-noise environments. Input_Capacitor = 100uF; // Low ESR near Pin 1 Output_Capacitor = 220uF; // Near Pin 3 for stability ```
    ✨ Follow-up Questions
    • ⤷What are the cooling requirements for the GS-R12F0002.0 at full 2A load?
    • ⤷ Can this module be used in parallel to increase output current?
    • ⤷ What is the maximum ripple voltage for the 12V output?