전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GS-R12F0182.0

  • AI
    The **GS-R12F0182.0** is a specific high-efficiency DC-DC step-down (buck) voltage regulator module, originally manufactured by STMicroelectronics. It belongs to the GS-R series, designed for industrial and telecommunications applications where space-saving and reliability are critical. --- ### ## Technical Specifications The following table outlines the core electrical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 15V to 40V DC | | **Output Voltage** | 12V DC (Fixed) | | **Output Current** | 2.0 Amperes (Max) | | **Efficiency** | ~90% (Typical) | | **Switching Frequency** | 100 kHz (Approx) | | **Protection** | Short-circuit and Overload protection | | **Package Style** | SIP (Single In-line Package) or Module | --- ### ## Internal Component Breakdown The GS-R12F0182.0 is not a single chip; it is a **Hybrid Circuit Module** that integrates several electronic components into one encapsulated block: 1. **Switching Controller:** An internal PWM (Pulse Width Modulation) controller that manages the duty cycle to maintain a steady 12V output despite input fluctuations. 2. **Power MOSFET:** A high-speed transistor that acts as the primary switch. 3. **Power Inductor:** A high-quality coil used to store energy during the switching cycle, which is then released to the load. 4. **Schottky Diode:** Used as a freewheeling diode to provide a path for the current when the MOSFET is off. 5. **Filtering Capacitors:** Internal ceramic or electrolytic capacitors used to minimize input and output voltage ripple. --- ### ## Key Features * **High Efficiency:** Unlike linear regulators (like the 7812 series), this module switches on and off rapidly, meaning it wastes very little energy as heat. * **Compact Design:** By integrating the inductor and capacitors, it reduces the "Bill of Materials" (BOM) for the PCB designer. * **Thermal Stability:** Designed to operate in harsh environments with minimal external cooling required under standard loads. --- ### ## Pinout Configuration (Typical) While you should always consult the specific datasheet for your revision, the standard GS-R series usually follows this pin logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | +Vi | Unregulated Input Voltage | | **2** | GND | Common Ground | | **3** | +Vo | Regulated 12V Output | | **4** | Reset/Control | (Optional/Model dependent) System monitoring | ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended external capacitors for the GS-R12F0182.0?
    • ⤷ How does the efficiency of this module compare to a standard LM7812 linear regulator?
    • ⤷ Can this module be used in parallel to increase the output current beyond 2A?