전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GS-R24F0332.0

  • AI
    The **GS-R24F0332.0** is a specific DC-DC converter module, part of a family of high-efficiency step-down (buck) regulators. These modules are often used in industrial applications where a stable, regulated output is required from a higher-voltage power source. --- ## Technical Specifications Overview The "GS-R" series is designed to be a complete power supply solution in a compact package. Below are the key characteristics for this specific part: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 7V to 40V DC | | **Output Voltage** | 3.3V DC (Fixed) | | **Output Current** | 2.0 Amps | | **Efficiency** | ~75% to 85% (Load dependent) | | **Switching Frequency** | ~100 kHz | | **Protection** | Short-circuit and Thermal protection | | **Package Type** | Through-hole SIP (Single In-line Package) | --- ## Internal Components & Architecture The module is not just a single chip; it is a **Hybrid Power Module**. Inside the casing, you will find: 1. **Switching Regulator IC:** The "brain" that controls the pulse-width modulation (PWM) to step down the voltage efficiently. 2. **Power Inductor:** Used for energy storage during the conversion cycle. 3. **Schottky Diode:** Facilitates the current flow when the internal switch is off. 4. **Filtering Capacitors:** High-quality electrolytic or ceramic capacitors are integrated to minimize output ripple and noise. 5. **Heat Sink/Metal Base:** Many versions utilize an internal metal plate to dissipate heat generated during high-current operation. --- ## Pin Configuration While you should always consult the specific datasheet for the pinout diagram, the standard GS-R series layout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **+Vin** | Positive Input Voltage | | **2** | **GND** | Common Ground (Input and Output) | | **3** | **+Vout** | Regulated 3.3V Output | | **4** | **S- (Optional)** | Negative Remote Sense | | **5** | **S+ (Optional)** | Positive Remote Sense / Trim | --- ## Key Advantages * **Ease of Use:** It requires very few external components (usually just input/output decoupling capacitors). * **Reliability:** The module is encapsulated, providing protection against dust and vibration. * **Wide Input Range:** It can handle significant fluctuations in the supply voltage without affecting the 3.3V output. ---
    ✨ Follow-up Questions
    • ⤷ Is there a direct pin-compatible replacement for the GS-R24F0332.0?
    • ⤷ What are the recommended external capacitor values for this module?
    • ⤷ Can this module be used in parallel to increase the output current?