전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GS-R4840NV

  • AI
    The **GS-R4840NV** is a high-performance, non-isolated switching voltage regulator module, typically manufactured by STMicroelectronics. It belongs to the GS-R series, designed for industrial and telecommunications applications requiring high current efficiency. --- ### 1. Key Technical Specifications The GS-R4840NV is essentially a "Step-Down" (Buck) converter. Below are its primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 38V to 60V DC | | **Output Voltage** | 5V DC (Fixed) | | **Output Current** | 4.0 Amperes (Max) | | **Efficiency** | ~80% to 85% (depending on load) | | **Isolation** | Non-isolated (Common Ground) | | **Switching Frequency** | ~100 kHz | | **Protection** | Short-circuit and Thermal protection | --- ### 2. Internal Electronic Components While the unit is a sealed module, its internal architecture consists of several critical electronic stages: 1. **Power MOSFET:** Functions as the primary switch that "chops" the input DC voltage into a high-frequency square wave. 2. **Schottky Diode:** Acts as a "freewheeling" diode to maintain current flow during the off-cycle of the switch. 3. **Power Inductor:** The core energy storage element that smooths the pulsed current into a steady DC output. 4. **PWM Controller:** An Integrated Circuit (IC) that monitors the output voltage and adjusts the duty cycle of the MOSFET to maintain a steady 5V. 5. **Filter Capacitors:** High-grade electrolytic or ceramic capacitors used at both the input (to reduce ripple) and output (to stabilize voltage). --- ### 3. Pin Configuration and Integration The module is typically designed for PCB mounting with a specific pinout: * **Vi (Input):** Positive input supply (38V - 60V). * **GND (Ground):** Common return path for both input and output. * **Vo (Output):** Regulated 5V output for the load. * **Inhibit (Optional):** Some variants include a pin to remotely turn the module ON or OFF. --- ### 4. Advantages & Applications * **High Power Density:** Provides 4A of current in a relatively small footprint compared to linear regulators. * **Thermal Efficiency:** Because it is a switching regulator, it generates significantly less heat than a linear regulator (like an LM7805). * **Use Cases:** Powering logic boards in telecommunications, industrial PLC systems, and distributed power architectures where a 48V rail is common.
    ✨ Follow-up Questions
    • ⤷ What are the recommended thermal management techniques for this module?
    • ⤷ Can the GS-R4840NV be used in parallel to increase output current?
    • ⤷ How does the 'Inhibit' function work electronically?