전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GS2AB

  • AI
    ### Overview of the GS2AB Electronic Component The **GS2AB** is a specific type of surface-mount electronic component, primarily categorized as a **General Purpose Rectifier Diode**. It belongs to the GS2x series and is widely used for power management and signal rectification. --- ### 1. Key Technical Specifications The GS2AB is designed for reliability in medium-power applications. Below are its primary electrical characteristics: | Parameter | Value | | :--- | :--- | | **Component Type** | Rectifier Diode | | **Maximum Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 50 V | | **Maximum RMS Voltage** | 35 V | | **Maximum DC Blocking Voltage** | 50 V | | **Maximum Average Forward Rectified Current ($I_{F(AV)}$)** | 2.0 Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 Amperes | | **Typical Junction Capacitance** | 15 pF | | **Operating Temperature Range** | -55°C to +150°C | --- ### 2. Physical Packaging The "AB" suffix usually denotes the package type and specific voltage rating within the series. * **Package Type:** SMB (DO-214AA) * **Mounting Type:** Surface Mount Device (SMD) * **Case Material:** Molded Plastic (UL Flammability Classification 94V-0) * **Terminals:** Solderable per MIL-STD-750, Method 2026 --- ### 3. Functional Features * **Glass Passivated Junction:** The internal silicon chip is coated with a glass layer to improve stability and reduce leakage current. * **Low Forward Voltage Drop:** Typically around 1.1V at 2.0A, which helps in reducing power loss. * **High Surge Capacity:** Capable of handling brief spikes in current up to 50A without failure. * **Polarity:** Indicated by a cathode band on the body of the component. --- ### 4. Common Applications Due to its 2A current rating and 50V reverse voltage, the GS2AB is commonly found in: 1. **AC-to-DC Rectification:** Converting alternating current to direct current in low-voltage power supplies. 2. **Freewheeling Diodes:** Protecting circuits from voltage spikes generated by inductive loads (like motors or relays). 3. **Polarity Protection:** Preventing damage to a circuit if a battery or power source is connected backwards. 4. **DC/DC Converters:** Used in the switching stages of voltage regulators. --- ### 5. Identification Code On a Printed Circuit Board (PCB), the part is often marked with a shorthand code. * **Marking:** `GS2AB` or sometimes just `2A` depending on the manufacturer (e.g., Vishay, Diodes Inc, or ON Semi).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the GS2AB and the GS2MB?
    • ⤷ How does the SMB package compare to the SMA package for this diode?
    • ⤷ What is the maximum power dissipation for a GS2AB in a standard circuit?