전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GSA-1.6-R

  • AI
    The **GSA-1.6-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Wire-Wound Inductor** or a specialized **Automotive-Grade Chip Inductor**. These parts are designed for high-reliability power management and noise filtering applications. --- ### 1. Technical Specifications Below are the typical technical parameters for a component in the GSA-1.6-R series: | Parameter | Specification | |:---|:---| | **Inductance** | 1.6 µH (Microhenries) | | **Tolerance** | ±20% (Standard) | | **Current Rating (I-sat)** | ~2.5A - 4.0A (Depending on package size) | | **DC Resistance (DCR)** | Low (typically < 50 mΩ) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Construction The "R" suffix often denotes specific characteristics such as **RoHS Compliance** or **Taped and Reeled** packaging for automated pick-and-place machines. * **Core Material:** Usually Ferrite or Metal Alloy core to prevent electromagnetic interference (EMI). * **Shielding:** Most GSA series components are **shielded**, meaning the magnetic flux is contained within the component to prevent it from affecting nearby sensitive circuits. * **Termination:** Lead-free (Pb-free) tin plating over copper. --- ### 3. Key Electronic Functions The GSA-1.6-R performs three primary roles in an electronic circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing stable DC current to pass through. 3. **Voltage Smoothing:** It prevents sudden changes in current flow, ensuring a steady voltage supply to sensitive components like Microprocessors or FPGAs. --- ### 4. Common Applications Due to its robust design, the GSA-1.6-R is found in the following environments: * **Automotive Electronics:** Infotainment systems and ADAS modules. * **Consumer Electronics:** Power supply modules for laptops and tablets. * **Industrial:** DC-DC converter modules and motor control circuits. --- ### 5. Schematic Representation In a circuit diagram, the part is represented as follows: ```text L1 (Inductor) ----(nnnn)---- 1.6µH ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the GSA-1.6-R?
    • ⤷ How does the 'R' suffix affect the soldering profile for this component?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?