전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GSA100-R

  • AI
    The **GSA100-R** typically refers to a high-precision, industrial-grade **Single-Turn Absolute Encoder** or a specific **Rotary Sensor** module. These components are essential in automation for providing precise positional feedback without requiring a homing sequence after a power loss. --- ### 1. Key Electronic Components & Specifications The GSA100-R is built using several integrated electronic layers that allow it to convert mechanical rotation into a digital or analog signal. | Feature | Specification (Typical) | Function | | :--- | :--- | :--- | | **Sensing Element** | Optical or Magnetic Disc | Detects the angular position of the shaft. | | **Output Interface** | RS485 / SSI / Parallel | Defines how the position data is transmitted. | | **Resolution** | 10-bit to 16-bit | Determines the number of steps per 360° revolution. | | **Power Supply** | 5V DC or 10-30V DC | Powers the internal LEDs and processing ICs. | | **Protection Circuit** | Reverse Polarity & ESD | Prevents damage from wiring errors or static. | --- ### 2. Functional Architecture The electronic internal structure of the GSA100-R consists of four main stages: 1. **Transducer Stage:** * **Light Source (LED):** In optical versions, an infrared LED shines through a coded disc. * **Photodetector Array:** Captures the light patterns (Gray code) to identify the exact position. 2. **Signal Conditioning:** * Operational Amplifiers (Op-Amps) clean the raw analog signals from the sensors to remove noise. 3. **Processing Unit:** * An onboard Microcontroller (MCU) or ASIC converts the raw patterns into a readable digital format (like Binary or Gray Code). 4. **Driver Stage:** * **Transceivers:** High-speed differential line drivers (like those for RS422/485) ensure the signal can travel long distances in noisy industrial environments. --- ### 3. Wiring and Pinout Configuration While specific pinouts vary by manufacturer (e.g., GSA series by Gertech), the electronic interface generally follows this logic: ```yaml Pin 1: Vcc (Power Supply +) Pin 2: GND (0V) Pin 3: Signal A+ / Data + Pin 4: Signal A- / Data - Pin 5: Clock + (For SSI Models) Pin 6: Clock - (For SSI Models) Shield: Earth Ground (To prevent EMI) ``` --- ### 4. Comparison of GSA100-R Interface Types Depending on the specific "R" suffix variant, the communication electronics change: * **Parallel:** Uses multiple wires to send all bits simultaneously (Fast, but heavy cabling). * **SSI (Synchronous Serial Interface):** Uses a clock/data pair for high-speed digital transmission. * **Fieldbus (CANopen/Profibus):** Includes a dedicated communication controller for networking multiple encoders.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an absolute and incremental encoder in the GSA series?
    • ⤷ How do I troubleshoot a 'No Signal' error on an RS485 encoder?
    • ⤷ What is the maximum rotational speed the GSA100-R can electronically track?