전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GSA80-R

  • AI
    The **GSA80-R** typically refers to a high-performance **Fiber Optic Rotary Joint (FORJ)**, often integrated with electrical slip rings. These devices are critical in systems where a platform must rotate 360° continuously while transmitting high-speed data and power. Below is a detailed breakdown of its electronic and optoelectronic components. --- ## 1. Core Electronic & Optic Components The GSA80-R is a hybrid device. Its "parts" are divided between optical transmission and electrical conduction. | Component | Function | Material/Type | |:---|:---|:---| | **Fiber Optic Channels** | Transmits high-speed data signals via light. | Singlemode (9/125) or Multimode | | **Electrical Slip Ring** | Transmits DC/AC power and low-frequency control signals. | Gold-on-Gold or Silver Alloy contacts | | **Optical Collimators** | Aligns light beams between the stationary and rotating parts. | Aspheric lenses | | **Rotary Bearings** | Ensures smooth mechanical rotation to protect electronic contacts. | Stainless steel high-precision bearings | | **Housing/Shielding** | Protects internal electronics from EMI (Electromagnetic Interference). | Anodized Aluminum or Stainless Steel | --- ## 2. Technical Specifications (Electronic Focus) The electronic performance of the GSA80-R is defined by its ability to maintain signal integrity during high-speed rotation. ### A. Optical Characteristics * **Insertion Loss:** Typically < 2.0 dB (critical for ensuring the signal doesn't degrade). * **Return Loss:** > 45 dB (prevents reflections from damaging the laser source). * **Wavelengths:** Usually supports 1310nm to 1550nm. ### B. Electrical Characteristics * **Current Rating:** Usually ranges from 2A to 10A per circuit (depending on configuration). * **Voltage:** Can handle up to 240V - 480V AC/DC. * **Dielectric Strength:** 500V AC @ 50Hz between circuits. * **Insulation Resistance:** > 1000MΩ / 500VDC. --- ## 3. Signal Types Supported The GSA80-R is designed to handle a mix of complex electronic signals without "noise" or data loss: 1. **High-Speed Data:** Ethernet (10/100/1000 Base-T), Fiber Channel, and SDI Video. 2. **Control Signals:** CANbus, RS-232/485, and Profibus. 3. **Power:** Standard 24V DC logic power or high-voltage motor power. --- ## 4. Application Context The electronics within the GSA80-R are specifically hardened for environments such as: * **Radar Pedestals:** Rotating antennas requiring massive data throughput. * **ROVs (Remotely Operated Vehicles):** Underwater drones using fiber for long-distance control. * **Medical Imaging:** CT Scanners that rotate at high speeds while transferring high-res image data.
    ✨ Follow-up Questions
    • ⤷ What is the maximum rotational speed (RPM) the GSA80-R can handle without signal degradation?
    • ⤷ How does the 'Gold-on-Gold' contact technology improve electronic reliability compared to copper?
    • ⤷ Can the GSA80-R be customized for high-pressure underwater environments?