전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GSAP-1-R

  • AI
    The **GSAP-1-R** is typically a specialized electronic component, often categorized as a **Surface Mount Device (SMD) Gas Discharge Tube (GDT)** or a high-performance surge arrestor. These parts are critical for protecting sensitive electronic circuits from high-voltage transients. --- ### 1. Technical Overview The GSAP-1-R serves as a "crowbar" device. When a voltage spike exceeds its breakdown threshold, the internal gas ionizes, creating a low-impedance path to ground. | Feature | Specification (Typical) | | :--- | :--- | | **Package Type** | Surface Mount (SMD) | | **Technology** | Gas Discharge Tube (GDT) | | **Function** | Overvoltage Protection / Surge Arresting | | **Response Time** | Fast (Nanoseconds) | | **Capacitance** | Very Low (< 1pF) | --- ### 2. Key Electronic Characteristics The "R" suffix often indicates compliance with **RoHS (Restriction of Hazardous Substances)**, meaning the part is lead-free. * **Low Capacitance:** Because it has extremely low capacitance, it is ideal for high-speed data lines (like Ethernet or RF) where signal integrity must be maintained. * **High Insulation Resistance:** Under normal operating conditions, the device acts as an open circuit with giga-ohm resistance. * **High Current Handling:** Despite its small size, it can divert several kilo-amperes (kA) of surge current. --- ### 3. Internal Construction The GSAP-1-R consists of two or three electrodes enclosed in a ceramic or glass envelope filled with an inert gas mixture. ```mermaid graph LR A[Input Terminal] --> B{Gas Filled Chamber} B --> C[Ground/Output] style B fill:#f9f,stroke:#333,stroke-width:2px ``` --- ### 4. Common Applications Due to its reliability and electrical transparency, it is used in: 1. **Telecommunications:** Protection for modems, routers, and line cards. 2. **Industrial Controls:** Protecting PLCs from power surges. 3. **CATV/Broadband:** Ensuring signal lines are safe from lightning induced transients. 4. **Power Supplies:** Secondary side protection.
    ✨ Follow-up Questions
    • ⤷What is the breakdown voltage rating of the GSAP-1-R?
    • ⤷ How does a GDT compare to a TVS diode for surge protection?
    • ⤷ What are the recommended soldering profiles for SMD GDTs?