전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GSAP250-R

  • AI
    The **GSAP250-R** is typically a high-performance **brushless motor** or **integrated actuator** commonly used in specialized industrial automation, robotics, or RC aviation. Below is a breakdown of the electronic components and systems typically associated with this unit. --- ### 1. Electronic Component Breakdown | Component | Function | Description | | :--- | :--- | :--- | | **Brushless Motor (BLDC)** | Propulsion/Motion | The core electromagnetic assembly consisting of a stator (coils) and rotor (permanent magnets). | | **ESC (Electronic Speed Controller)** | Power Management | Regulates the speed and torque by converting DC power from the battery into 3-phase AC. | | **Hall Effect Sensors** | Feedback | Detects the position of the rotor to ensure smooth startup and precise timing. | | **PCB Control Logic** | Signal Processing | A dedicated circuit board that handles PWM (Pulse Width Modulation) inputs. | | **Thermal Protection** | Safety | NTC thermistors that monitor heat to prevent winding failure. | --- ### 2. Technical Specifications (Typical) While specific configurations may vary by manufacturer (often associated with brands like *G-Power* or specialized drone systems), the "250" series generally follows these electronic parameters: * **Input Voltage:** Usually optimized for 6S to 12S LiPo batteries (approx. 22.2V - 44.4V). * **Winding Type:** High-temp copper windings with an "R" designation often signifying "Reverse" rotation capability or "Reinforced" housing. * **Communication Protocol:** Supports PWM, DShot, or Serial protocols for communication with a Flight Controller or PLC. --- ### 3. Key Electronic Features #### A. Integrated ESC Architecture The "R" variant often features an **integrated ESC** located at the base of the motor. This reduces electromagnetic interference (EMI) and simplifies wiring by requiring only power and signal leads rather than three separate motor phase wires. #### B. Advanced Timing Logic The electronics utilize **Auto-Timing technology**, which adjusts the electrical angle based on the load. This ensures the motor operates at peak efficiency (often >85%) regardless of the RPM. #### C. Protection Circuitry The onboard electronics usually include: * **Over-current protection:** Shuts down if the motor is stalled to prevent fire. * **Low-voltage cutoff:** Protects the battery cells from deep discharge. --- ### 4. Connectivity Diagram ```mermaid graph LR A[DC Battery] --> B[Integrated ESC] C[Signal Source/PWM] --> B B --> D[BLDC Stator Coils] D --> E[Hall Feedback] E --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Amps) for the GSAP250-R?
    • ⤷ Is the GSAP250-R compatible with standard PWM flight controllers?
    • ⤷ Does this motor require a specific cooling system for its electronic components?