์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ
ALLDATASHEET.CO.KR

X  

  • GSAP750-R

  • AI
    The **GSAP750-R** typically refers to a high-performance **750W AC-DC Power Supply Unit (PSU)**, often used in industrial automation, telecommunications, or server rack environments. These units are characterized by their "1U" slim form factor and high energy efficiency. --- ## ๐Ÿ›‘ Key Electronic Specifications Below are the primary electronic characteristics of the GSAP750-R series: | Feature | Specification | | :--- | :--- | | **Output Power** | 750 Watts | | **Input Voltage Range** | 90V โ€“ 264V AC (Universal Input) | | **Efficiency Rating** | Often 80 PLUS Platinum or Gold equivalent (>92%) | | **Output Voltage** | Typically +12V DC (Main) & +12Vsb or +5Vsb (Standby) | | **Form Factor** | 1U Rackmount / Slim Design | | **Cooling** | Internal high-speed DC fan (airflow usually front-to-back) | --- ## ๐Ÿ› ๏ธ Internal Electronic Components The GSAP750-R utilizes advanced switching power supply architecture. Here is a breakdown of the critical internal parts: ### 1. EMI Filter & Rectification * **X and Y Capacitors:** Filter out electromagnetic interference from the AC line. * **Bridge Rectifier:** Converts incoming AC voltage to pulsating DC. ### 2. Active PFC (Power Factor Correction) * **PFC Controller IC:** Ensures the current drawn is in phase with the voltage, reducing wasted energy. * **Power MOSFETs:** High-speed switches (often Gallium Nitride/GaN or Silicon Carbide/SiC in newer revisions) that boost the voltage to roughly 380V-400V DC. ### 3. DC-DC Conversion Stage * **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side. * **Synchronous Rectifiers:** Instead of standard diodes, these units use MOSFETs on the output side to significantly reduce heat and increase efficiency. ### 4. Control & Monitoring * **PMBus Interface:** Many models in this series include an I2C/PMBus communication port. This allows a computer to monitor: * Real-time temperature. * Current draw (Amps). * Fan speed. * **Protection Circuits:** Integrated ICs for OVP (Over Voltage Protection), OCP (Over Current Protection), and OTP (Over Temperature Protection). --- ## ๐Ÿ”Œ Connection Pinout (Typical) The rear of the unit usually features a "gold finger" PCB edge connector rather than wires. This connector handles: * **+12V Power Rails:** Multiple pins for high current delivery. * **Ground (GND):** Return path for the current. * **Remote On/Off:** A pin used to signal the PSU to wake up from standby. * **SDA/SCL:** Data lines for PMBus communication.
    โœจ Follow-up Questions
    • โคท What is the specific pinout configuration for the GSAP750-R edge connector?
    • โคท Does the GSAP750-R support N+1 redundancy in a server chassis?
    • โคท How do I monitor the PMBus data from this PSU using an Arduino or Raspberry Pi?