전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • GWCA-R

  • AI
    The **GWCA-R** (Gateway Control Adapter - Remote) is a critical electronic hardware component typically used in utility-scale solar power plants and energy storage systems (specifically within the **Sungrow** ecosystem). Its primary purpose is to act as a communication bridge between field devices and the central SCADA system. --- ### 1. Key Electronic Components & Modules The internal architecture of a GWCA-R consists of several specialized circuits designed for industrial reliability: | Component Category | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | High-performance industrial ARM-based processor. | Handles data processing, protocol conversion, and encryption. | | **Communication Ports** | RS485, Ethernet (RJ45), and Fiber Optic interfaces. | Facilitates physical connection to inverters and the network. | | **Power Module** | AC/DC or DC/DC converter (typically 24V DC input). | Regulates voltage for internal logic circuits. | | **Isolation Circuitry** | Galvanic isolation (Optocouplers). | Protects internal components from high-voltage surges in the field. | | **Status Indicators** | LED array (Power, Run, Alarm, Com). | Provides visual diagnostic feedback on hardware status. | --- ### 2. Functional Architecture The GWCA-R functions as a "Data Concentrator." Here is how the electronic parts interact: 1. **Physical Layer:** The **RS485 transceivers** collect Modbus RTU data from string inverters or trackers. 2. **Conversion Layer:** The **Logic Board** converts Serial data into Ethernet packets (Modbus TCP/IP). 3. **Transmission Layer:** The **Fiber Optic module** (if equipped) allows for long-distance data transmission without electromagnetic interference. --- ### 3. Technical Specifications (Typical) | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100~240V AC or 24V DC (Model dependent) | | **Power Consumption** | < 10 Watts | | **Operating Temp** | -30°C to +60°C | | **Protection Class** | IP20 (Indoor/Enclosure mount) | | **Protocols** | Modbus RTU, Modbus TCP, IEC 60870-5-104 | --- ### 4. Connectivity Diagram ```mermaid graph LR A[Inverters/Trackers] -- RS485 --> B(GWCA-R Adapter) B -- Fiber/Ethernet --> C[Logger / PLC] C -- Cloud/Internet --> D[SCADA Monitoring] ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the GWCA-R handle protocol conversion between Modbus RTU and TCP?
    • ⤷ What are the common troubleshooting steps for GWCA-R communication errors?
    • ⤷ Can the GWCA-R be used with non-Sungrow inverters?