전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • H2A-R

  • AI
    The **H2A-R** typically refers to a high-reliability, heavy-duty industrial or automotive relay (often associated with brands like Panasonic or specialized DC power systems). These components are designed to manage high current loads using low-power control signals. Below is a breakdown of the electronic parts and internal composition of an H2A-R style relay. --- ## 1. Internal Components & Construction The H2A-R is an electromechanical device. Its operation depends on the interaction between electromagnetic fields and mechanical contacts. | Part Name | Material/Type | Function | | :--- | :--- | :--- | | **Coil** | Copper Wire | Generates a magnetic field when energized by a control voltage. | | **Core & Yoke** | Soft Iron | Concentrates the magnetic flux to move the armature. | | **Armature** | Ferrous Metal | The moving part that is pulled toward the core to close the circuit. | | **Contacts** | Silver Alloy / Tungsten | The points that physically touch to allow high current to flow. | | **Return Spring** | Steel | Ensures the armature returns to its original position when power is cut. | | **Housing/Case** | Heat-resistant Plastic | Protects internal parts and provides electrical insulation. | --- ## 2. Electronic Specifications When dealing with H2A-R electronics, three main categories of specifications define its performance: ### A. Control Side (Input/Coil) * **Nominal Voltage:** Usually 12V DC or 24V DC. * **Pick-up Voltage:** The minimum voltage required to "close" the relay. * **Drop-out Voltage:** The threshold where the relay "opens" again. * **Coil Resistance:** Determines how much current the control circuit draws. ### B. Load Side (Output/Contacts) * **Contact Rating:** Typically rated for high currents (e.g., 20A to 40A). * **Contact Configuration:** Usually **SPST** (Single Pole Single Throw) or **SPDT** (Single Pole Double Throw). * **Contact Resistance:** Ideally very low (milli-ohms) to prevent overheating. --- ## 3. Circuit Integration To protect the surrounding electronics, H2A-R relays are often paired with external components: ```python # Schematic Logic for H2A-R Integration # 1. Control Pin -> [Flyback Diode] -> Coil Pin 1 # 2. Ground -> Coil Pin 2 # 3. High Power Source -> Contact Pin 30 (Common) # 4. Load (Motor/Light) -> Contact Pin 87 (Normally Open) ``` 1. **Flyback Diode:** Since the H2A-R contains a coil (inductor), it can cause a voltage spike when turned off. A diode is placed in parallel to the coil to protect the switching transistor. 2. **Arc Suppression:** In high-voltage DC applications, an RC snubber circuit may be added across the contacts to prevent "arcing," which can weld the contacts together. --- ## 4. Key Features of "R" Series (Resistive/Reliability) The "R" suffix in these parts often denotes specific electronic enhancements: * **Resistor/Diode Internal:** Some H2A-R models come with a built-in resistor across the coil to suppress EMF spikes without needing external parts. * **Sealed Construction:** The electronic internals are often potted or nitrogen-filled to prevent oxidation of the copper coil and silver contacts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an H2A-R with an internal resistor versus an internal diode?
    • ⤷ How do I calculate the maximum load current for an H2A-R relay in a 24V system?
    • ⤷ What are the common failure modes of the H2A-R armature assembly?