전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • H41-R

  • AI
    The **H41-R** typically refers to a specific model of a **Latching Solenoid Valve** or a **Linear Actuator** (often used in fluid control or specialized mechanical locking mechanisms). Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Key Electronic Components The H41-R is an electromechanical device. Its operation relies on the interaction between magnetic fields and mechanical tension. | Component | Function | | :--- | :--- | | **Solenoid Coil** | A copper winding that generates a magnetic field when current passes through it. | | **Plunger/Armature** | The ferrous metal core that moves in response to the magnetic field. | | **Return Spring** | Provides the mechanical force to return the plunger to its "home" position. | | **Permanent Magnet** | (In Latching versions) Holds the plunger in place without continuous power. | | **Lead Wires** | Usually 2-wire or 3-wire configurations for DC power input. | --- ### 2. Technical Specifications (Typical) While specifications can vary by manufacturer (such as *Zanty* or *Taishuo*), the standard H41-R profile follows these parameters: * **Voltage Options:** Usually 3V, 6V, 12V, or 24V DC. * **Operating Principle:** Push-Pull or Latching (Pulse-driven). * **Stroke Length:** Typically ranges from 4mm to 10mm. * **Initial Force:** Generally between 50g and 200g depending on voltage. * **Duty Cycle:** Often rated for intermittent use (e.g., 10% - 25%) to prevent coil overheating. --- ### 3. Wiring and Control Logic Since the H41-R is often a **latching** type, it does not require constant power. #### Pulse Control Logic: 1. **To Actuate:** Apply a positive pulse (e.g., +12V) for 50ms–100ms. The magnetic field overcomes the spring and the internal magnet "latches" the pin. 2. **To Release:** Apply a reverse pulse (reverse polarity). This cancels the permanent magnet's field, allowing the spring to push the plunger back. ```python # Pseudo-code for controlling an H41-R via an H-Bridge def unlock_mechanism(): set_pin_high(FORWARD_PIN) delay(100) # 100ms pulse set_pin_low(FORWARD_PIN) def lock_mechanism(): set_pin_high(REVERSE_PIN) delay(100) # 100ms pulse set_pin_low(REVERSE_PIN) ``` --- ### 4. Common Applications The electronic design of the H41-R makes it ideal for low-power, battery-operated devices: * **Electronic Cabinet Locks:** Used in lockers or mailboxes. * **Vending Machines:** To trigger product release. * **Fluid Valves:** Small-scale irrigation or chemical dispensing. * **Automotive:** Fuel door release mechanisms or trunk latches.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse duration recommended for the H41-R to avoid burning the coil?
    • ⤷ Can the H41-R be operated using an Arduino or Raspberry Pi directly?
    • ⤷ What are the main differences between the H41-R and the H41-L models?