전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • H5TC4G63CFR-RDI

  • AI
    The **H5TC4G63CFR-RDI** is a high-performance, low-voltage synchronous dynamic random-access memory (**DDR3L SDRAM**) chip manufactured by **SK Hynix**. It is widely used in networking equipment, embedded systems, and consumer electronics. --- ### 1. Technical Specifications The part number can be decoded to understand the specific performance characteristics of the chip: | Feature | Specification | | :--- | :--- | | **Density** | 4 Gigabits (512 Megabytes) | | **Configuration** | 256M x 16 bits | | **Memory Type** | DDR3L (Low Voltage DDR3) | | **Voltage (VDD/VDDQ)** | 1.35V (Backward compatible with 1.5V) | | **Speed Grade** | 1600 Mbps (DDR3-1600) | | **CAS Latency** | 11-11-11 | | **Package Type** | 96-ball FBGA | | **Temperature Range** | Industrial (-40°C to +95°C) | --- ### 2. Key Internal Components The electronic architecture of this chip is built around several critical sub-systems: * **Memory Array:** Organized into 8 internal banks. This multi-bank structure allows for interleaved memory access, reducing latency during data retrieval. * **Differential Clocking:** Uses `CK` and `CK#` signals to synchronize data transfers on both the rising and falling edges of the clock, doubling the data rate. * **Bi-directional Data Strobe (DQS):** Acts as a source-synchronous signal used to capture data at the receiver accurately. * **On-Die Termination (ODT):** Internal resistors that improve signal integrity by preventing reflections on the data bus, eliminating the need for external resistors on the PCB. * **ZQ Calibration:** A dedicated pin used to calibrate the output driver impedance and ODT values over temperature and voltage changes. --- ### 3. Usage & Connectivity As an **x16 (16-bit)** width chip, it provides a high data bandwidth per component. It is commonly found in: 1. **Industrial PCs:** Due to the "I" suffix indicating industrial temperature tolerance. 2. **Smart TVs & STBs:** High-speed buffering for video processing. 3. **Network Switches:** Handling packet buffers at high speeds. --- ### 4. Pin Configuration (Typical 96-ball FBGA) | Pin Group | Function | | :--- | :--- | | **A0 - A14** | Address Inputs (Row/Column selection) | | **BA0 - BA2** | Bank Address Inputs | | **DQ0 - DQ15** | Data Input/Output lines | | **VDD / VSS** | Power Supply / Ground | | **VREFCA / VREFDQ** | Reference Voltage for Command/Data |
    ✨ Follow-up Questions
    • ⤷ What are the power consumption differences between DDR3 and DDR3L versions of this chip?
    • ⤷ How do I interpret the full SK Hynix part numbering scheme?
    • ⤷ Can this memory chip be used in standard commercial grade applications?