AI

The **H7CC-R11WD** is a high-performance digital tachometer and rotation meter manufactured by **Omron**. It belongs to the H7CC series, designed for industrial automation to measure speeds, flow rates, and frequencies.
---
### 1. Technical Specifications
The "R11WD" suffix indicates specific electrical characteristics, such as the output type and power supply.
| Feature | Specification |
| :--- | :--- |
| **Function** | Tachometer (Rotation/Speed/Flow measurement) |
| **Supply Voltage** | 12 to 24 VDC / 24 VAC (50/60 Hz) |
| **Input Type** | No-voltage (NPN) or Voltage (PNP) input |
| **Output Type** | Relay Output (SPDT) + Transistor Output |
| **Connection** | 11-pin Circular Socket |
| **Display** | 6-digit Negative LCD with backlight (multi-color) |
| **Max counting speed** | 10 kHz (selectable) |
---
### 2. Key Electronic Components & Interfaces
#### A. Input Circuitry
The device is compatible with various sensors (Proximity, Photoelectric, or Rotary Encoders).
* **Voltage Input:** High (5 to 30 VDC), Low (0 to 2 VDC).
* **No-voltage Input:** Short-circuit impedance 1 kΩ max.
* **Built-in Power Supply:** It provides a 12 VDC (approx. 100mA) output to power external sensors directly.
#### B. Output System
It features a dual-output mechanism for control and signaling:
1. **Contact Output:** A mechanical relay rated at 3A at 250 VAC.
2. **Transistor Output:** An NPN open collector rated at 100 mA at 30 VDC, ideal for high-speed switching or PLC interfacing.
#### C. Display & Visuals
* **Color Change Logic:** The display can be programmed to change color (Green/Red) based on the output status (e.g., turning Red when a speed threshold is exceeded).
* **Replacement Time Notification:** The unit tracks the age of its internal electrolytic capacitors and warns the user when the service life is nearing its end.
---
### 3. Wiring Configuration (11-Pin)
The 11-pin layout is standard for Omron industrial timers/counters:
| Pin Number | Function |
| :--- | :--- |
| **1 & 11** | Power Supply (12-24 VDC / 24 VAC) |
| **2 & 10** | External Sensor Power (12 VDC / GND) |
| **3** | Signal Input (CP1) |
| **5, 6, 7** | Relay Output (Common, NO, NC) |
| **8 & 9** | Transistor Output |
---
### 4. Application Use Cases
* **Conveyor Speed Monitoring:** Measuring the RPM of a motor via a proximity sensor.
* **Flow Rate Calculation:** Converting pulses from a flow meter into Liters per minute.
* **Production Rate Display:** Counting units per hour in a manufacturing line.
- ⤷
How do I configure the scaling factor to display RPM instead of Hz?
- ⤷ What is the difference between the H7CC-R11 and the H7CC-A series?
- ⤷ How does the 'Replacement Time Notification' feature work electronically?