전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HAS-D0-R

  • AI
    The **HAS-D0-R** is an industrial-grade, open-loop current transducer manufactured by **LEM**. It is designed for the electronic measurement of DC, AC, and pulsed currents with galvanic separation between the primary circuit (high power) and the secondary circuit (electronic interface). --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the HAS-D0-R series: | Parameter | Specification | | :--- | :--- | | **Transducer Type** | Open Loop Hall Effect | | **Primary Nominal Current ($I_{PN}$)** | 50A to 600A (depending on specific sub-model) | | **Output Signal** | 0 to ± 4V (at $I_{PN}$) | | **Supply Voltage ($V_C$)** | ± 15V (± 5%) | | **Current Consumption** | < 15 mA | | **Isolation Voltage** | 3 kV | | **Frequency Bandwidth** | DC to 50 kHz | --- ### 2. Functional Electronic Components The device operates using several internal electronic stages: * **Hall Effect Generator:** A thin semiconductor material placed in the gap of a magnetic core. When current flows through the primary conductor, it creates a magnetic field that the Hall cell converts into a small voltage. * **Magnetic Core:** A high-permeability ring that concentrates the magnetic flux generated by the primary cable onto the Hall sensor. * **Signal Conditioning Circuit:** * **Amplifier:** Since the raw Hall voltage is very small (millivolts), an internal operational amplifier scales it to the standard ± 4V output. * **Zero Adjustment:** Internal trimming to ensure the output is exactly 0V when no primary current is flowing. * **Protection Circuitry:** Standard industrial protection against reverse polarity and basic ESD. --- ### 3. Connection Pinout The secondary side typically features 4 terminals or pins for integration onto a PCB or via a connector: 1. **+Vc:** Positive Power Supply (+15V) 2. **-Vc:** Negative Power Supply (-15V) 3. **Output:** Measurement signal (0 to ± 4V) 4. **0V:** Common Ground (Reference) --- ### 4. Application Use Cases Because it provides galvanic isolation, the HAS-D0-R is commonly used in: * **Variable Speed Drives (VFDs):** Monitoring motor current. * **UPS Systems:** Battery charging and discharging management. * **Welding Power Supplies:** High-current DC feedback loops. * **Solar Inverters:** Converting DC strings to AC grid power.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between open-loop and closed-loop current sensors?
    • ⤷ How do temperature fluctuations affect the accuracy of the HAS-D0-R?
    • ⤷ Can this sensor be powered by a single +12V supply instead of ±15V?