전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HAS-H6-R/Q

  • AI
    The **HAS-H6-R/Q** refers to a high-precision, open-loop Hall Effect current transducer manufactured by **LEM**. These sensors are designed to measure DC, AC, and pulsed currents with galvanic isolation between the primary (high power) and secondary (electronic) circuits. --- ### 1. Key Technical Specifications The "H6" designation typically refers to the specific physical housing and aperture size, while "R/Q" denotes specific pinout or performance variations. | Feature | Specification (Typical) | | :--- | :--- | | **Measurement Type** | Open Loop Hall Effect | | **Primary Nominal Current ($I_{pn}$)** | 100A to 600A (Model dependent) | | **Supply Voltage ($V_c$)** | ±15V DC (±5%) | | **Output Signal** | Analog Voltage (typically ±4V at $I_{pn}$) | | **Accuracy** | ±1% of $I_{pn}$ | | **Frequency Bandwidth** | DC to 50 kHz (-3dB) | | **Operating Temperature** | -10°C to +80°C | --- ### 2. Internal Electronic Components The device functions through a sophisticated interaction of several internal electronic stages: 1. **Magnetic Core:** A high-permeability ring that concentrates the magnetic flux generated by the primary conductor passing through the hole. 2. **Hall Generator:** A thin semiconductor wafer placed in a "gap" in the magnetic core. It detects the magnetic field strength. 3. **Signal Conditioning Circuitry:** * **Differential Amplifier:** Amplifies the small Hall voltage (mV) into a usable volt-level signal. * **Temperature Compensation:** Internal resistors and thermistors that stabilize the output against thermal drift. * **Voltage Regulator:** Ensures internal components receive stable power despite fluctuations in the ±15V rails. --- ### 3. Pin Configuration and Connection The HAS series usually features a 4-pin interface for the secondary circuit: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | $+V_c$ | Positive supply (+15V) | | **2** | $-V_c$ | Negative supply (-15V) | | **3** | Output | Measurement signal (Analog) | | **4** | 0V | Common Ground | --- ### 4. Application Use Cases Because of its isolation and wide range, the HAS-H6 is commonly found in: * **Variable Speed Drives (VFDs):** Monitoring motor phase currents. * **Uninterruptible Power Supplies (UPS):** Managing battery charge/discharge rates. * **Welding Equipment:** High-current control loops. * **Solar Inverters:** Tracking DC input from PV strings. --- ### 5. Implementation Example (Microcontroller Interface) To read the HAS-H6 output with a 5V Arduino or ESP32, you must use a voltage divider or an Op-Amp level shifter, as the sensor outputs ±4V, which includes negative values. ```cpp // Example: Converting ADC reading to Amps float sensorValue = analogRead(A0); float voltage = (sensorValue / 1023.0) * 5.0; // Standard ADC conversion // Apply offset and scaling factor based on datasheet sensitivity float current = (voltage - offset) * sensitivity; ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Open Loop and Closed Loop Hall Effect sensors?
    • ⤷ How do I calibrate the zero-point offset for the HAS-H6 series?
    • ⤷ What are the specific aperture dimensions for the H6 housing type?