전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HAT-R

  • AI
    In the context of single-board computers (like Raspberry Pi), a **HAT** (Hardware Attached on Top) is an add-on board that expands functionality. The **HAT-R** specifically refers to a **Relay HAT**, designed to allow low-power microcontrollers to control high-power electrical devices. --- ### Core Electronic Components of a HAT-R A standard Relay HAT contains several critical electronic stages to ensure safety and functionality: | Component | Function | Description | | :--- | :--- | :--- | | **Relays** | Switching Mechanism | Electromagnetic switches that physically open/close a high-voltage circuit using a low-voltage signal. | | **Optocouplers** | Isolation | Provides optical isolation between the Raspberry Pi and the high-power circuit to prevent electrical damage. | | **Flyback Diodes** | Protection | Dissipates the voltage spike created when the relay coil is de-energized (Inductive kickback). | | **Transistors** | Switching Logic | Acts as a driver because the GPIO pins cannot provide enough current to trigger the relay coil directly. | | **Terminal Blocks** | Connection | Screw-down connectors (Common, NO, NC) for attaching external AC/DC loads. | | **LED Indicators** | Status Visuals | Visual confirmation showing whether a specific relay channel is currently active. | --- ### Technical Specifications (Typical) Most HAT-R boards adhere to these electronic standards: * **Logic Voltage:** 3.3V or 5V (depending on the host board). * **Switching Capacity:** Usually up to **10A at 250VAC** or **10A at 30VDC**. * **Channels:** Commonly available in 2, 4, or 8-channel configurations. * **Interface:** Controlled via standard **GPIO pins**. --- ### Wiring Logic: NO vs. NC When connecting parts to the Relay HAT, you will encounter three ports per relay: 1. **COM (Common):** The "hot" or supply wire goes here. 2. **NO (Normally Open):** The circuit is broken by default; it closes when the GPIO is set to HIGH. 3. **NC (Normally Closed):** The circuit is connected by default; it opens when the GPIO is set to HIGH. --- ### Example Control Code (Python) To toggle a relay on a HAT-R, you typically interact with the GPIO pins as follows: ```python import RPi.GPIO as GPIO import time RELAY_PIN = 21 # Example GPIO pin GPIO.setmode(GPIO.BCM) GPIO.setup(RELAY_PIN, GPIO.OUT) try: while True: GPIO.output(RELAY_PIN, GPIO.HIGH) # Relay ON time.sleep(1) GPIO.output(RELAY_PIN, GPIO.LOW) # Relay OFF time.sleep(1) except KeyboardInterrupt: GPIO.cleanup() ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an electromagnetic relay and a Solid State Relay (SSR) HAT?
    • ⤷ How do I safely calculate the power load for a HAT-R?
    • ⤷ Can a HAT-R be used with an Arduino instead of a Raspberry Pi?