전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HCE-13-R/Q

  • AI
    The **HCE-13-R/Q** refers to a specific series of high-performance **Common Mode Chokes** (inductors) manufactured by **Eaton** (formerly Cooper Bussmann/Coiltronics). These components are primarily used in high-current power applications to filter electromagnetic interference (EMI). --- ### 1. Technical Specifications Below are the typical characteristics of the HCE-13 series (specifically the R/Q variants): | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Through-Hole Common Mode Choke | | **Inductance Range** | Typically 0.5 µH to 2.5 µH (varies by part number) | | **Current Rating** | High Current (up to 40A - 60A depending on sizing) | | **Operating Temp** | -40°C to +125°C | | **Core Material** | Powdered Iron or Ferrite (depending on frequency needs) | | **Termination** | Tin-plated Copper Lead | --- ### 2. Functional Role in Electronics The HCE-13-R/Q functions as a **magnetic filter**. Its primary roles include: * **Common Mode Noise Suppression:** It allows differential signals (the power you want) to pass through while creating high impedance for common-mode noise (unwanted interference affecting both lines). * **Power Integrity:** Used in DC-DC converters to smooth out "ripple" current and prevent high-frequency noise from feeding back into the main power source. * **High Power Density:** The "HCE" (High Current Edge-wound) design allows it to handle significant amperage without saturating the magnetic core. --- ### 3. Key Design Features * **Edge-Wound Technology:** Instead of standard round wire, these often use flat-wire edge-winding. This reduces "skin effect" losses at high frequencies and allows for a more compact footprint. * **Low DCR (Direct Current Resistance):** Because the wire is thick/flat, it has very low resistance, which minimizes heat generation during operation. * **Rugged Construction:** The "Q" in the suffix often denotes AEC-Q200 qualification or similar industrial/automotive grade reliability standards. --- ### 4. Common Applications 1. **Industrial Power Supplies:** Filtering AC/DC or DC/DC stages. 2. **Electric Vehicles (EV):** Used in onboard chargers and motor controllers. 3. **Solar Inverters:** Managing high-current power conversion noise. 4. **Servers/Data Centers:** High-efficiency VRM (Voltage Regulator Module) filtering. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between common mode and differential mode noise in these chokes?
    • ⤷ Can the HCE-13 series be used in surface-mount (SMD) applications?
    • ⤷ How does 'edge-winding' improve the efficiency of an inductor?