전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HCE-16-R/Q

  • AI
    The **HCE-16-R/Q** refers to a specific series of high-performance, shielded power inductors commonly used in automotive and industrial electronic power conversion applications. These components are designed to handle high current while maintaining a compact surface-mount (SMD) footprint. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the HCE-16 series: | Feature | Specification Details | | :--- | :--- | | **Inductance Range** | Typically 0.22µH to 22µH | | **Current Rating (Irms)** | Up to 60A+ (depending on specific value) | | **Saturation Current (Isat)** | High saturation levels to prevent core loss | | **DC Resistance (DCR)** | Ultra-low (mΩ range) to minimize heat dissipation | | **Operating Temp** | -40°C to +125°C or +150°C (Automotive Grade) | | **Construction** | Metal composite / Magnetic shielding | --- ### 2. Core Electronic Functions The HCE-16-R/Q functions as a passive component with three primary roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck, Boost, or Buck-Boost), it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Filtering (Noise Suppression):** It acts as a low-pass filter, blocking high-frequency AC ripples while allowing DC to pass, ensuring a clean voltage output. 3. **Current Smoothing:** It limits the rate of change of current, protecting sensitive downstream components from sudden surges. --- ### 3. Key Design Features * **Magnetic Shielding:** The "Q" or "R" designations often indicate specific shielding or termination styles. Magnetic shielding prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB. * **Metal Composite Core:** Unlike traditional ferrite cores, these use a powdered metal composite. This allows for "soft saturation," meaning the inductance drops gradually rather than abruptly when current increases. * **AEC-Q200 Compliance:** If the part includes a "Q" suffix in certain manufacturer catalogs, it often denotes **Automotive Grade** qualification, meaning it has passed rigorous stress tests for vibration, moisture, and temperature cycling. --- ### 4. Common Applications * **Automotive Systems:** ECU power supplies, ADAS sensors, and LED lighting drivers. * **Computing:** High-current Voltage Regulator Modules (VRM) for CPUs and GPUs. * **Industrial:** High-density power supplies and motor control circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this specific part series?
    • ⤷ How does the 'soft saturation' of a metal composite core benefit a DC-DC converter?
    • ⤷ What are the recommended soldering footprint dimensions for the HCE-16 package?