전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HCE-1A-R

  • AI
    The **HCE-1A-R** is a specific electronic component, typically identified as a **High-Voltage Reed Relay** manufactured by **Standex Electronics** (formerly MEDER electronic). It is designed to switch high voltages while maintaining high isolation resistance. --- ## 1. Technical Specifications The following table summarizes the primary electrical and physical characteristics of the HCE-1A-R: | Feature | Specification | | :--- | :--- | | **Contact Form** | Form A (Normally Open - SPST) | | **Switching Power** | 50 W (Maximum) | | **Switching Voltage** | 2,500 VDC (Maximum) | | **Switching Current** | 3.0 A (Maximum) | | **Carry Current** | 5.0 A (Maximum) | | **Breakdown Voltage** | Up to 10 kVDC (Contact to Coil) | | **Coil Voltage** | Typically 5V, 12V, or 24V (Check specific variant) | | **Housing Material** | Thermoset Plastic / Epoxy Encapsulated | --- ## 2. Internal Construction The HCE-1A-R consists of several critical electronic sub-parts: ### A. The Reed Switch This is the heart of the device. It consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope filled with inert gas. The contacts are usually plated with **Rhodium** or **Tungsten** to endure high-voltage arcing. ### B. The Electromagnetic Coil A copper wire winding surrounds the reed switch. When current flows through this coil, it creates a magnetic field that brings the reed blades together to close the circuit. ### C. The Shielding (Optional) Many H-series relays include internal **Magnetic Shielding** to prevent interference from adjacent relays and to concentrate the magnetic flux on the reeds. --- ## 3. Key Electronic Functions 1. **Galvanic Isolation:** It provides a physical gap when open, ensuring that high-voltage circuits do not leak into low-voltage control logic. 2. **High Insulation Resistance:** Typically $>10^{12} \Omega$, making it ideal for precision measurement equipment. 3. **Fast Switching:** Unlike mechanical contactors, reed relays can switch in the millisecond range (typically < 3ms). --- ## 4. Typical Applications * **Automotive:** Battery Management Systems (BMS) for Electric Vehicles. * **Test & Measurement:** Insulation testers and high-voltage automated test equipment (ATE). * **Medical:** Defibrillators and laser surgical equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the HCE and the HM series of reed relays?
    • ⤷ How do I determine the coil resistance for the 12V version of HCE-1A-R?
    • ⤷ What are the PCB mounting requirements for high-voltage isolation in this part?