전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HCF1305-3R3-R

  • AI
    ## Technical Overview: HCF1305-3R3-R The **HCF1305-3R3-R** is a high-current, shielded drum core power inductor manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It is part of the HCF1305 series, designed specifically for high-frequency DC-DC converters and high-density power applications. ### 1. Key Specifications The part number follows a specific nomenclature where **3R3** represents the inductance value. | Parameter | Specification | | :--- | :--- | | **Inductance** | 3.3 µH | | **Tolerance** | ±20% | | **Rated Current (Irms)** | ~18.5 A | | **Saturation Current (Isat)** | ~21.0 A | | **DC Resistance (DCR)** | 3.2 mΩ (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | Surface Mount (SMD) | | **Dimensions** | 12.5mm x 12.9mm x 5.0mm | --- ### 2. Physical Construction & Features The HCF1305 series is engineered for efficiency and durability: * **Shielded Construction:** The inductor features a magnetic shield. This minimizes **Electromagnetic Interference (EMI)**, making it suitable for noise-sensitive environments like medical or telecommunications equipment. * **Flat Wire Technology:** Unlike standard round wire, this part often utilizes flat wire windings. This reduces "skin effect" losses and provides lower DC resistance (DCR) for better efficiency. * **Ferrite Core Material:** The core is made of ferrite, which offers low core losses at high switching frequencies (up to 2 MHz). --- ### 3. Common Applications This specific component is widely used in high-power electronic circuits: 1. **Voltage Regulator Modules (VRMs):** Found on computer motherboards and servers to step down voltage for CPUs/GPUs. 2. **Point-of-Load (POL) Converters:** Used in decentralized power systems to provide localized power for specific chips. 3. **Battery Powered Systems:** Ideal for high-efficiency mobile or portable equipment where heat dissipation must be minimized. 4. **Distributed Power Systems:** Used in industrial automation and telecommunications hardware. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **HCF** | High Current Ferrite (Series Name) | | **1305** | Physical size (Approx 13mm width, 5mm height) | | **3R3** | Inductance value (3.3 microhenries) | | **-R** | RoHS compliant |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Saturation Current' for this inductor?
    • ⤷ How does the 'Shielded' nature of this part benefit PCB layout design?
    • ⤷ Are there alternative inductors with a lower height profile in the HCF series?